Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1413S080HN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ADC1413S080HN
Description  Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413S080HN Datasheet(HTML) 5 Page - NXP Semiconductors

  ADC1413S080HN Datasheet HTML 1Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 2Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 3Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 4Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 5Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 6Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 7Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 8Page - NXP Semiconductors ADC1413S080HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ADC1413S_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 June 2011
5 of 38
NXP Semiconductors
ADC1413S series
Single 14-bit ADC: serial JESD204A interface
8.
Thermal characteristics
[1]
Value for six layers board in still air with a minimum of 25 thermal vias.
9.
Static characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 25.6
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 8.6
K/W
Table 5.
Static characteristics [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.85
3.0
3.4
V
VDDD(1V8)
digital supply voltage
(1.8 V)
1.65
1.8
1.95
V
IDDA
analog supply current
fclk = 125 Msps;
fi =70MHz
-185
-
mA
IDDD(1V8)
digital supply current
(1.8 V)
fclk = 125 Msps;
fi =70MHz
-75
-
mA
Ptot
total power dissipation
fclk = 125 Msps
-
690
-
mW
fclk = 105 Msps
-
625
-
mW
fclk =80Msps
-
550
-
mW
fclk =65Msps
-
495
-
mW
P
power dissipation
Power-down mode
-
30
-
mW
Standby mode
-
150
-
mW
Digital inputs
Clock inputs: pins CLKP and CLKM (AC-coupled)
Low-Voltage Positive Emitter-Coupled Logic (LVPECL)
Vi(clk)dif
differential clock input
voltage
peak-to-peak
-
1.6
-
V
Sine
Vi(clk)dif
differential clock input
voltage
peak
0.8
3.0
-
V
Low Voltage Complementary Metal Oxide Semiconductor (LVCMOS)
VIL
LOW-level input voltage
-
-
0.3VDDA
V
VIH
HIGH-level input voltage
0.7VDDA
--
V
SPI: pins CS, SDIO, and SCLK
VIL
LOW-level input voltage
0
-
0.3VDDA
V
VIH
HIGH-level input voltage
0.7VDDA
-VDDA
V
IIL
LOW-level input current
10
-
+10
A
IIH
HIGH-level input current
50
-
+50
A
CI
input capacitance
-
4
-
pF


Similar Part No. - ADC1413S080HN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1413S080HN-C1 IDT-ADC1413S080HN-C1 Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Similar Description - ADC1413S080HN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com