Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1413S065HN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ADC1413S065HN
Description  Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413S065HN Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ADC1413S065HN Datasheet HTML 5Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 6Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 7Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 8Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 9Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 10Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 11Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 12Page - NXP Semiconductors ADC1413S065HN Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Typical values measured at VDDA =3V, VDDD(1V8) = 1.8 V, Tamb =25 C and CL = 5 pF. Minimum and maximum values are across the full temperature range Tamb = 40 C to
+85
C at V
DDA =3V, VDDD(1V8) = 1.8 V; Vi(INP)  Vi(INM) = 1 dBFS; internal reference mode; 100  differential applied to serial outputs; unless otherwise specified.
10.2 Clock and digital output timing
[1]
Typical values measured at VDDA =3V, VDDD(1V8) = 1.8 V, Tamb =25 C. Minimum and maximum values are across the full temperature range Tamb = 40 C to +85 C at
VDDA =3V, VDDD(1V8) = 1.8 V; Vi(INP)  Vi(INM) = 1 dBFS; internal reference mode; 100  differential applied to serial outputs; unless otherwise specified.
IMD
intermodulation
distortion
fi = 3 MHz
-
89
--
89
--
88
-
-
89
-
dBc
fi = 30 MHz
-88
-
-
88-
-88-
-
88
-
dBc
fi = 70 MHz
-87
-
-
87-
-86-
-
86
-
dBc
fi = 170 MHz
-
84
-
-
85
-
-
83
-
-
84
-
dBc
ct(ch)
channel crosstalk
fi = 70 MHz
-
100
-
-
100
-
-
100
-
-
100
-
dBc
Table 6.
Dynamic characteristics …continued[1]
Symbol
Parameter
Conditions
ADC1413S065
ADC1413S080
ADC1413S105
ADC1413S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Table 7.
Clock and digital output timing characteristics [1]
Symbol
Parameter
Conditions
ADC1413S065
ADC1413S080
ADC1413S105
ADC1413S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
pins CLKP and CLKM
fclk
clock frequency
45
-
65
60
-
80
75
-
105
100
-
125
Msps
tlat(data)
data latency time
clock cycles
307
-
850
250
-
283
190
-
226
160
-
170
ns
clk
clock duty cycle
DCS_EN = 1:
en
30
50
70
30
50
70
30
50
70
30
50
70
%
td(s)
sampling delay time
-
0.8
-
-
0.8
-
-
0.8
-
-
0.8
-
ns
twake
wake-up time
-76-
-76-
-76-
-76
-
ns


Similar Part No. - ADC1413S065HN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1413S065HN-C1 IDT-ADC1413S065HN-C1 Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Similar Description - ADC1413S065HN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com