Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1408D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # DAC1408D
Description  JESD204A-compliant D/A conversion for wideband communication & instrumentation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1408D Datasheet(HTML) 2 Page - NXP Semiconductors

  DAC1408D Datasheet HTML 1Page - NXP Semiconductors DAC1408D Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
rate (up to 4.0 Gbps versus the standard rate of 3.125 Gbps,
a 28% increase) and transmitter reach (up to 100 cm versus
the standard reach of 20 cm, a 400% increase). The enhanced
CGV features include Multi Device Synchronization (MDS),
which is not specified, but informatively discussed in the
JEDEC specification. NXP has implemented this optional
feature to enable LTE MIMO base station and other advanced
multichannel applications. NXP’s implementation of MDS
enables up to sixteen DACs data streams to be sample
synchronized and phase coherent.
This new interface has numerous advantages over the traditional
parallel one: easy PCB layout, lower pin count, reduced PCB
layers and cost, lower radiated noise, selfsynchronous link, skew
compensation.
DAC1408D750 block diagram
Other features include a two’s complement or binary-offset data
format, and 74 dBc IMD3 at F
DAC = 640 Msps and FOUT = 154 MHz.
DAC1408D series also include an LVDS compatible clock with
multiplier capable of x2, x4 and x8 operation and internal
regulation to adjust the output full scale current up to 20 mA.
A digital offset correction can be used to adjust the common
mode level at the DAC output. And 2 embedded auxiliary DACs
-current mode sources allow offset compensation between the
DAC and the next stage in your transmission path.
www.nxp.com/dataconverters
DAC1408D series
Type
Related demoboard
Description
DAC1408D series
DAC1408D650W0/DB
DAC1408D650 demo board
DAC1408D650W1/DB
DAC1408D650 demo board with Virtex 5 FPGA
DAC1408D750W0/DB
DAC1408D750 demo board
DAC1408D750W1/DB
DAC1408D750 demo board with Virtex 5 FPGA
© 2010 NXP B.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and
may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof
does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: June 2010
Document order number : 9397 750 16888
Printed in the Netherlands
www.nxp.com
Example of reference design
with DAC1408D750 and FPGA
DAC1408D750 demonstration
board, for easy connection to
Altera, Xilinx or Lattice
evaluation kit


Similar Part No. - DAC1408D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1408D650 NXP-DAC1408D650 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

Similar Description - DAC1408D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8053 INTERSIL-ICL8053 Datasheet
935Kb / 11P
   Precision Chip Pairs for A/D Conversion
logo
Samsung semiconductor
KA3361B SAMSUNG-KA3361B Datasheet
78Kb / 4P
   THE KA3361B IS DESIGNED FOR USE IN FM DUAL CONVERSION COMMUNICATION.
logo
Xilinx, Inc
XAPP876 XILINX-XAPP876 Datasheet
1Mb / 26P
   Virtex-5 FPGA Interface to a JESD204A
logo
Analog Devices
AN-1161 AD-AN-1161 Datasheet
239Kb / 16P
   EMC-Compliant RS-485 Communication Networks
REV. 0
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
   Channels of Isolated 12 bit D/A Conversion
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A Datasheet
218Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
TLP116 TOSHIBA-TLP116 Datasheet
75Kb / 5P
   Digital Isolation for A/D,D/A Conversion. High Speed Line Receiver. Microprocessor System Interfaces. Plasma Display Panel.
logo
List of Unclassifed Man...
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
   4 Channels of Isolated 16 bit D/A Conversion
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
   16 Channels of Isolated 16 bit A/D Conversion
logo
Mallory performance clu...
566 MALLORY-566 Datasheet
147Kb / 4P
   CONVERSION FOR HARLEY-DAVIDSON
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com