Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4740A Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # 1N4740A
Description  1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4740A Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N4740A Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4740A Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4740A Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4740A Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Number: DB-070
Sep.2010 / F
Page 2
L i c e n s e d b y O N S e m i c o n d u c t o r ,
A t r a d e m a r k o f s e m i c o n d u c t o r
C o m p o n e n t s
I n d u s t r i e s ,
L L C
f o r
Z e n e r T e c h n o l o g y a n d P r o d u c t s .
TAK CHEONG
®
ELECTRICAL CHARACTERISTICS (TA = 25℃ unless otherwise noted.)
Zener Voltage (Note 2 & 3.)
Zener Impedance (Note 4.)
Leakage Current
VZ (Volts)
@IZT
ZZT @IZT
ZZK @IZK
IR @ VR
Device
(Note 1.)
Device
Marking
Min
Nom
Max
(mA)
(Ω)
(Ω)
(mA)
(uA Max)
(Volts)
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
3.135
3.420
3.705
4.085
4.465
3.3
3.6
3.9
4.3
4.7
3.465
3.780
4.095
4.515
4.935
76
69
64
58
53
10
10
9
9
8
400
400
400
400
500
1
1
1
1
1
100
100
50
10
10
1
1
1
1
1
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
4.845
5.320
5.890
6.460
7.125
5.1
5.6
6.2
6.8
7.5
5.355
5.880
6.510
7.140
7.875
49
45
41
37
34
7
5
2
3.5
4
550
600
700
700
700
1
1
1
1
0.5
10
10
10
10
10
1
2
3
4
5
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
7.790
8.645
9.500
10.45
11.40
8.2
9.1
10
11
12
8.610
9.555
10.50
11.55
12.60
31
28
25
23
21
4.5
5
7
8
9
700
700
700
700
700
0.5
0.5
0.25
0.25
0.25
10
10
10
5
5
6
7
7.6
8.4
9.1
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
12.35
14.25
15.20
17.10
19.00
13
15
16
18
20
13.65
15.75
16.80
18.90
21.00
19
17
15.5
14
12.5
10
14
16
20
22
700
700
700
750
750
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
9.9
11.4
12.2
13.7
15.2
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
20.90
22.80
25.65
28.50
31.35
22
24
27
30
33
23.10
25.20
28.35
31.50
34.65
11.5
10.5
9.5
8.5
7.5
23
25
35
40
45
750
750
750
1000
1000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
16.7
18.2
20.6
22.8
25.1
1N4753A
1N4754A
1N4755A
1N4756A
1N4758A
1N4753A
1N4754A
1N4755A
1N4756A
1N4758A
34.20
37.05
40.85
44.65
53.20
36
39
43
47
56
37.80
40.95
45.15
49.35
58.80
7
6.5
6
5.5
4.5
50
60
70
80
110
1000
1000
1500
1500
2000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
27.4
29.7
32.7
35.8
42.6
1N4759A
1N4761A
1N4763A
1N4764A
1N4759A
1N4761A
1N4763A
1N4764A
58.90
71.25
86.45
95.00
62
75
91
100
65.10
78.75
95.55
105.0
4
3.3
2.8
2.5
125
175
250
350
2000
2000
3000
3000
0.25
0.25
0.25
0.25
5
5
5
5
47.1
56.0
69.2
76.0
VF = 1.2V Max @IF = 200mA for 30V below types, VF = 2.0V Max @IF = 200mA for 30~56V types, and VF = 3.0V Max @IF = 200mA for 60V
above types
1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of ± 5%.
2. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact
you nearest Tak Cheong representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in
thermal equilibrium.
4. ZENER IMPEDANCE (ZZ) DERIVATION


Similar Part No. - 1N4740A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4740A PHILIPS-1N4740A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Fairchild Semiconductor
1N4740A FAIRCHILD-1N4740A Datasheet
666Kb / 5P
   Zener Diodes
logo
Chongqing Pingwei Enter...
1N4740A CHONGQING-1N4740A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Microsemi Corporation
1N4740A MICROSEMI-1N4740A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
List of Unclassifed Man...
1N4740A ETC1-1N4740A Datasheet
16Kb / 1P
   Zener Diodes
More results

Similar Description - 1N4740A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com