Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2490 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SK2490
Description  VZ Series Power MOSFET(180V 10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2490 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  2SK2490 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK2490 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2490 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2490 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2490 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2490 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2490 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2490 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2490 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Gate Threshold Voltage
0
1
2
3
4
5
-50
0
50
100
150
2SK2490
VDS = 10V
ID = 1mA
TYP
Case Temperature Tc [
°C]


Similar Part No. - 2SK2490

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
   Superior Cross Modulation Performance
logo
Shindengen Electric Mfg...
2SK2491 SHINDENGEN-2SK2491 Datasheet
405Kb / 10P
   VZ Series Power MOSFET(180V 20A)
logo
Inchange Semiconductor ...
2SK2491 ISC-2SK2491 Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Shindengen Electric Mfg...
2SK2492 SHINDENGEN-2SK2492 Datasheet
407Kb / 10P
   VZ Series Power MOSFET(180V 20A)
logo
Inchange Semiconductor ...
2SK2492 ISC-2SK2492 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2490

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK2489 SHINDENGEN-2SK2489 Datasheet
405Kb / 10P
   VZ Series Power MOSFET(180V 10A)
2SK2491 SHINDENGEN-2SK2491 Datasheet
405Kb / 10P
   VZ Series Power MOSFET(180V 20A)
2SK2492 SHINDENGEN-2SK2492 Datasheet
407Kb / 10P
   VZ Series Power MOSFET(180V 20A)
2SK2559 SHINDENGEN-2SK2559 Datasheet
408Kb / 10P
   VZ Series Power MOSFET(200V 10A)
logo
Sanyo Semicon Device
SB100-18 SANYO-SB100-18 Datasheet
80Kb / 3P
   180V, 10A Rectifier
logo
Shindengen Electric Mfg...
2SK2560 SHINDENGEN-2SK2560 Datasheet
407Kb / 10P
   VZ Series Power MOSFET(200V 20A)
logo
Mospec Semiconductor
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,180V,200W)
logo
First Components Intern...
FM740 FCI-FM740 Datasheet
99Kb / 3P
   10A 400V Power MOSFET
logo
Sanyo Semicon Device
SB05-18M SANYO-SB05-18M Datasheet
65Kb / 2P
   180V, 500mA Rectifier
SB05-18V SANYO-SB05-18V Datasheet
65Kb / 2P
   180V, 500mA Rectifier?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com