Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT74AD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74HCT74AD
Description  Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCT74AD Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HCT74AD Datasheet HTML 1Page - Motorola, Inc MC74HCT74AD Datasheet HTML 2Page - Motorola, Inc MC74HCT74AD Datasheet HTML 3Page - Motorola, Inc MC74HCT74AD Datasheet HTML 4Page - Motorola, Inc MC74HCT74AD Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74HCT74A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Guaranteed Limit
Unit
Symbol
Parameter
– 55 to
25
_C
v 85_C
v 125_C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
30
24
20
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figures 1 and 4)
24
30
36
ns
tPLH,
tPHL
Maximum Propagation Delay, Set or Reset to Q or Q
(Figures 2 and 4)
24
30
36
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
15
19
22
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Enabled Output)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Enabled Output)*
130
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Fig.
Guaranteed Limit
Units
Symbol
Parameter
Fig.
– 55 to
25
_C
v 85_C
v 125_C
Units
Symbol
Parameter
Fig.
Min
Max
Min
Max
Min
Max
Units
tsu
Minimum Setup Time, Data to Clock
3
15
19
22
ns
th
Minimum Hold Time, Clock to Data
3
3
3
3
ns
trec
Minimum Recovery Time, Set or Reset Inactive to Clock
2
6
8
9
ns
tw
Minimum Pulse Width, Clock
1
15
19
22
ns
tw
Minimum Pulse Width, Set or Reset
2
15
19
22
ns
tr, tf
Maximum Input Rise and Fall Times
1
500
500
500
ns


Similar Part No. - MC74HCT74AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT74AD ONSEMI-MC74HCT74AD Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT74AD ONSEMI-MC74HCT74AD Datasheet
134Kb / 6P
   Dual D Flip?묯lop with Set and Reset with LSTTL Compatible Inputs
October, 2006 ??Rev. 10
MC74HCT74ADG ONSEMI-MC74HCT74ADG Datasheet
134Kb / 6P
   Dual D Flip?묯lop with Set and Reset with LSTTL Compatible Inputs
October, 2006 ??Rev. 10
MC74HCT74ADG ONSEMI-MC74HCT74ADG Datasheet
103Kb / 5P
   Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
MC74HCT74ADR2 ONSEMI-MC74HCT74ADR2 Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
More results

Similar Description - MC74HCT74AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT74A ONSEMI-MC74HCT74A_06 Datasheet
134Kb / 6P
   Dual D Flip?묯lop with Set and Reset with LSTTL Compatible Inputs
October, 2006 ??Rev. 10
logo
Motorola, Inc
MC74HCT174A MOTOROLA-MC74HCT174A Datasheet
178Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_14 Datasheet
118Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
logo
Motorola, Inc
MC74HCT273A MOTOROLA-MC74HCT273A Datasheet
131Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_11 Datasheet
141Kb / 7P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
MC74HCT273A ONSEMI-MC74HCT273A Datasheet
152Kb / 8P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com