Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLL4448 Datasheet(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCLL4448
Description  500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCLL4448 Datasheet(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCLL4448 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLL4448 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLL4448 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLL4448 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Number: DB-055
Jan 2011 / H
Page 3
SE M IC OND U C TOR
TAK CHEONG
®
Package Outline
Package
Case Outline
LL34
LL-34
Millimeters
Inches
DIM
Min
Max
Min
Max
A
3.30
3.60
0.130
0.142
B
1.40
1.50
0.055
0.059
C
0.35
0.50
0.014
0.020
Notes:
1.
All dimensions are within DO213AC JEDEC standard.
2.
LL-34 polarity denoted by cathode band.
B
C
A


Similar Part No. - TCLL4448

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLL4448 TAK_CHEONG-TCLL4448 Datasheet
133Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
More results

Similar Description - TCLL4448

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
LL4148 YEASHIN-LL4148 Datasheet
801Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Leshan Radio Company
LL4148 LRC-LL4148 Datasheet
427Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
List of Unclassifed Man...
TCLL4148 ETC-TCLL4148 Datasheet
267Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCLL4151 TAK_CHEONG-TCLL4151 Datasheet
75Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4148 TAK_CHEONG-TCLL4148 Datasheet
133Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4151 TAK_CHEONG-TCLL4151_11 Datasheet
309Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Yea Shin Technology Co....
LL4448 YEASHIN-LL4448 Datasheet
801Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCBAV100 TAK_CHEONG-TCBAV100_11 Datasheet
313Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass ??High Voltage Switching Diodes
TCBAV100 TAK_CHEONG-TCBAV100 Datasheet
113Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass - High Voltage Switching Diodes
logo
Yea Shin Technology Co....
1N4448 YEASHIN-1N4448 Datasheet
309Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com