Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLLZ5248B Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCLLZ5248B
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCLLZ5248B Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCLLZ5248B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLLZ5248B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLLZ5248B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCLLZ5248B Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Number: DB-056
Jan.2011/ E
Page 2
S EM IC OND UC TOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
()
Max
ZZK @ IZK = 0.25mA
()
Max
IR @ VR
(A)
Max
VR
(Volts)
TCLLZ5242B
12
20
30
600
1
9.1
TCLLZ5243B
13
9.5
13
600
0.5
9.9
TCLLZ5244B
14
9
15
600
0.1
10
TCLLZ5245B
15
8.5
16
600
0.1
11
TCLLZ5246B
16
7.8
17
600
0.1
12
TCLLZ5247B
17
7.4
19
600
0.1
13
TCLLZ5248B
18
7
21
600
0.1
14
TCLLZ5249B
19
6.6
23
600
0.1
14
TCLLZ5250B
20
6.2
25
600
0.1
15
TCLLZ5251B
22
5.6
29
600
0.1
17
TCLLZ5252B
24
5.2
33
600
0.1
18
TCLLZ5253B
25
5
35
600
0.1
19
TCLLZ5254B
27
4.6
41
600
0.1
21
TCLLZ5255B
28
4.5
44
600
0.1
21
TCLLZ5256B
30
4.2
49
600
0.1
23
TCLLZ5257B
33
3.8
58
700
0.1
25
TCLLZ5258B
36
3.4
70
700
0.1
27
TCLLZ5259B
39
3.2
80
800
0.1
30
TCLLZ5258B
36
3.4
70
700
0.1
27
TCLLZ5259B
39
3.2
80
800
0.1
30
TCLLZ5260B
43
3
93
900
0.1
33
TCLLZ5261B
47
2.7
105
1000
0.1
36
TCLLZ5262B
51
2.5
125
1100
0.1
39
TCLLZ5263B
56
2.2
150
1300
0.1
43
VF Forward Voltage = 1.1 V Maximum @ IF = 200 mA for all types
Notes:
1.
The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of ±5% in
Blue marking, suffix A=±10% in Brown marking.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.


Similar Part No. - TCLLZ5248B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLLZ5248B TAK_CHEONG-TCLLZ5248B Datasheet
81Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TCLLZ5248B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com