Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCU04AD Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74HCU04AD
Description  Hex Unbuffered Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCU04AD Datasheet(HTML) 4 Page - Motorola, Inc

  MC74HCU04AD Datasheet HTML 1Page - Motorola, Inc MC74HCU04AD Datasheet HTML 2Page - Motorola, Inc MC74HCU04AD Datasheet HTML 3Page - Motorola, Inc MC74HCU04AD Datasheet HTML 4Page - Motorola, Inc MC74HCU04AD Datasheet HTML 5Page - Motorola, Inc MC74HCU04AD Datasheet HTML 6Page - Motorola, Inc MC74HCU04AD Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74HCU04A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
Figure 1. Switching Waveforms
tr
VCC
GND
90%
50%
10%
90%
50%
10%
INPUT A
OUTPUT Y
tPHL
tPLH
tTHL
tTLH
* Includes all probe and jig capacitance
Figure 2. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
LOGIC DETAIL
(1/6 of Device Shown)
tf
A
VCC
Y


Similar Part No. - MC74HCU04AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCU04AD ONSEMI-MC74HCU04AD Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74HCU04AD ONSEMI-MC74HCU04AD Datasheet
167Kb / 9P
   Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74HCU04ADG ONSEMI-MC74HCU04ADG Datasheet
167Kb / 9P
   Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74HCU04ADG ONSEMI-MC74HCU04ADG Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
MC74HCU04ADR2 ONSEMI-MC74HCU04ADR2 Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
More results

Similar Description - MC74HCU04AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
   Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
   Hex Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com