Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFF4N65 Datasheet(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFF4N65
Description  N-Channel Power MOSFET 3.9A, 650V, 3.0廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFF4N65 Datasheet(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFF4N65 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF4N65 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF4N65 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF4N65 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF4N65 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF4N65 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF4N65 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF4N65 Datasheet HTML 8Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Number: DB-197
March 2010, Revision B
Page 3
TAK CHEONG
®
SEMICONDUCTOR
TYPICAL CHARACTERISTICS


Similar Part No. - TFF4N65

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF4N60 TAK_CHEONG-TFF4N60 Datasheet
337Kb / 8P
   N-Channel Power MOSFET 4.1A, 600V, 2.5廓
More results

Similar Description - TFF4N65

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP4N65 TAK_CHEONG-TFP4N65 Datasheet
325Kb / 8P
   N-Channel Power MOSFET 3.9A, 650V, 3.0廓
logo
Fairchild Semiconductor
FDP5N50NZU FAIRCHILD-FDP5N50NZU Datasheet
315Kb / 9P
   N-Channel MOSFET 500V, 3.9A, 2.0廓
logo
Taiwan Semiconductor Co...
TSM7NC65CF TSC-TSM7NC65CF Datasheet
412Kb / 6P
   N-Channel Power MOSFET 650V, 7A, 1.35廓
logo
Tak Cheong Electronics ...
TFF2N65 TAK_CHEONG-TFF2N65 Datasheet
305Kb / 8P
   N-Channel Power MOSFET 1.9A, 650V, 7.5廓
TFP2N65 TAK_CHEONG-TFP2N65 Datasheet
326Kb / 8P
   N-Channel Power MOSFET 1.9A, 650V, 7.5廓
TFF7N65 TAK_CHEONG-TFF7N65 Datasheet
300Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
logo
Taiwan Semiconductor Co...
TSM4ND65CI TSC-TSM4ND65CI Datasheet
321Kb / 6P
   N-Channel Power MOSFET 650V, 4A, 2.6廓
logo
Tak Cheong Electronics ...
TFP7N65 TAK_CHEONG-TFP7N65 Datasheet
321Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
logo
Alpha & Omega Semicondu...
AOD5T40P AOSMD-AOD5T40P Datasheet
438Kb / 6P
   400V,3.9A N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNM2024 WILLSEMI-WNM2024 Datasheet
914Kb / 6P
   Single N-Channel, 20V, 3.9A, Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com