Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFF730 Datasheet(PDF) 5 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFF730
Description  N-Channel Power MOSFET 5.5A, 400V, 0.95廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFF730 Datasheet(HTML) 5 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFF730 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF730 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF730 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF730 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF730 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF730 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF730 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Number: DB-202
March 2010, Revision B
Page 5
TAK CHEONG
®
SEMICONDUCTOR


Similar Part No. - TFF730

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
TFF7N60 TAK_CHEONG-TFF7N60 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 7A, 600V, 1.2廓
TFF7N65 TAK_CHEONG-TFF7N65 Datasheet
300Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
More results

Similar Description - TFF730

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
logo
Taiwan Semiconductor Co...
TSM80N950CI TSC-TSM80N950CI Datasheet
624Kb / 7P
   N-Channel Power MOSFET 800V, 6A, 0.95廓
logo
Fairchild Semiconductor
FDD6N50F FAIRCHILD-FDD6N50F Datasheet
354Kb / 9P
   N-Channel MOSFET 500V, 5.5A, 1.15廓
IRF330-333 FAIRCHILD-IRF330-333 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 5.5A, 350 V/400V
logo
International Rectifier
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com