Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFF840 Datasheet(PDF) 7 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFF840
Description  N-Channel Power MOSFET 8A, 500V, 0.9廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFF840 Datasheet(HTML) 7 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFF840 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF840 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF840 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF840 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF840 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF840 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF840 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Number: DB-100
April 14, 2008 / A
DISCLAIMER NOTICE
TAK CHEONG
®
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make
changes without notice for the specification of the products displayed herein.
The product listed herein is designed to be used with ordinary electronic equipment or devices, and not
designed to be used with equipment or devices which require high level of reliability and the malfunction of with
would directly endanger human life (such as medical instruments, transportation equipment, aerospace
machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor
Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such
improper use of sale.
This publication supersedes & replaces all information reviously supplied. For additional information, please visit
our website http://www.takcheong.com, or consult your nearest Tak Cheong’s sales office for further assistance.


Similar Part No. - TFF840

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF830 TAK_CHEONG-TFF830 Datasheet
310Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
TFF8N60 TAK_CHEONG-TFF8N60 Datasheet
288Kb / 7P
   N-Channel Power MOSFET 8A, 600V, 1.15廓
More results

Similar Description - TFF840

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Taiwan Semiconductor Co...
TSM9ND50CI TSC-TSM9ND50CI Datasheet
327Kb / 6P
   N-Channel Power MOSFET 500V, 9A, 0.9廓
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840 UTC-UF840_11 Datasheet
432Kb / 8P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
   8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
   8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
   500V, 8A N-Channel MOSFET
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
   500V, 8A N-Channel MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
   8A 500V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com