Electronic Components Datasheet Search |
|
TFF840 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TFF840 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
1 / 7 page Number: DB-205 March 2010, Revision B Page 1 TAK CHEONG ® SEMICONDUCTOR N-Channel Power MOSFET 8A, 500V, 0.9Ω General Description The N-Channel MOSFET is used an advanced termination scheme to provide enhanced voltage-blocking capability without degrading performance over time. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance. This device is well suited for high efficiency switched mode power suppliers, active power factor correction, electronic lamp ballasts based half bridge topology. Features ● Robust high voltage termination ● Avalanche energy specified ● Diode is characterized for use in bridge circuits ● Source to Drain diode recovery time comparable to a discrete fast recovery diode. 1 = Gate 2 = Drain 3 = Source DEVICE MARKING DIAGRAM ABSOLUTE MAXIMUM RATINGS (T C =25°C, unless otherwise noted ) Symbol Parameter Value Units VDSS Drain- Source Voltage 500 V VGSS Gate-Source Voltage ± 30 V ID Drain Current 8 A IDM Drain Current Pulsed (Note 2) 32 A Power Dissipation 134 W PD Derating factor above 25℃ 1.08 W/℃ EAS Single Pulsed Avalanche Energy (Note 1) 514 mJ EAR Repetitive Avalanche Energy (Note 2) 13 mJ TJ Operating Junction Temperature 150 ℃ Tstg Storage Temperature Range - 55 to +150 ℃ Notes: 1. L=14mH, IAS=8A, VDD=72V, RG=25Ω, Starting TJ=25℃ 2. Repetitive Rating: Pulse width limited by maximum junction temperature. THERMAL CHARACTERISTICS Symbol Parameter Value Unit RθJC Thermal Resistance, Junction-to-Case 0.93 ℃ /W RθJA Thermal Resistance, Junction-to-Ambient 62.5 ℃ /W G D S TO-220FP 3 2 1 L xxxx TFF XXXX L = Tak Cheong Logo xxyy = Monthly Date Code TFFXXXX = Device Type |
Similar Part No. - TFF840 |
|
Similar Description - TFF840 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |