Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP2N60A Datasheet(PDF) 7 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP2N60A
Description  N-Channel Power MOSFET 2.1A, 600V, 5.6廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP2N60A Datasheet(HTML) 7 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP2N60A Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP2N60A Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP2N60A Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP2N60A Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP2N60A Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP2N60A Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP2N60A Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP2N60A Datasheet HTML 8Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Number: DB-181
March 2010, Revision B
Page 7
TAK CHEONG
®
SEMICONDUCTOR
TO220AB PACKAGE OUTLINE
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
3.60
4.80
0.142
0.189
A1
1.20
1.40
0.047
0.055
A2
2.03
2.90
0.080
0.114
b
0.40
1.00
0.016
0.039
b2
1.20
1.78
0.047
0.070
c
0.36
0.60
0.014
0.024
D
14.22
16.50
0.560
0.650
e
2.34
2.74
0.092
0.108
E
9.70
10.60
0.382
0.417
H1
5.84
6.85
0.230
0.270
L
12.70
14.70
0.500
0.579
L1
2.70
3.30
0.106
0.130
ØP
3.50
4.00
0.138
0.157
Q
2.54
3.40
0.100
0.134
NOTE: Above package outline conforms to JEDEC TO-220AB


Similar Part No. - TFP2N60A

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP2N60 TAK_CHEONG-TFP2N60 Datasheet
332Kb / 7P
   N-Channel Power MOSFET 2.0A, 600V, 4.6廓
More results

Similar Description - TFP2N60A

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF2N60A TAK_CHEONG-TFF2N60A Datasheet
303Kb / 8P
   N-Channel Power MOSFET 2.1A, 600V, 5.6廓
logo
Taiwan Semiconductor Co...
TSM4N60E TSC-TSM4N60E Datasheet
1Mb / 7P
   600V, 4A, 2.5廓 N-Channel Power MOSFET
TSM60N380 TSC-TSM60N380 Datasheet
391Kb / 9P
   600V, 11A, 0.38廓 N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF4N60 TAK_CHEONG-TFF4N60 Datasheet
337Kb / 8P
   N-Channel Power MOSFET 4.1A, 600V, 2.5廓
TFF5N60 TAK_CHEONG-TFF5N60 Datasheet
194Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
Taiwan Semiconductor Co...
TSM60N1R4 TSC-TSM60N1R4 Datasheet
545Kb / 7P
   600V, 3.3A, 1.4廓 N-Channel Power MOSFET
TSM60N900 TSC-TSM60N900 Datasheet
957Kb / 9P
   600V, 4.5A, 0.9廓 N-Channel Power MOSFET
TSM60NB190CI TSC-TSM60NB190CI Datasheet
830Kb / 8P
   N-Channel Power MOSFET 600V, 18A, 0.19廓
logo
Tak Cheong Electronics ...
TFF10N60 TAK_CHEONG-TFF10N60 Datasheet
3Mb / 8P
   N-Channel Power MOSFET 10A, 600V, 0.75廓
TFF7N60 TAK_CHEONG-TFF7N60 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 7A, 600V, 1.2廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com