Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN2014A Datasheet(PDF) 5 Page - Gennum Corporation

Part # GN2014A
Description  XFP Tx Signal Conditioner with VCSEL Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GN2014A Datasheet(HTML) 5 Page - Gennum Corporation

  GN2014A Datasheet HTML 1Page - Gennum Corporation GN2014A Datasheet HTML 2Page - Gennum Corporation GN2014A Datasheet HTML 3Page - Gennum Corporation GN2014A Datasheet HTML 4Page - Gennum Corporation GN2014A Datasheet HTML 5Page - Gennum Corporation GN2014A Datasheet HTML 6Page - Gennum Corporation GN2014A Datasheet HTML 7Page - Gennum Corporation GN2014A Datasheet HTML 8Page - Gennum Corporation GN2014A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
GN2014A XFP Tx Signal Conditioner with VCSEL Driver
Data Sheet
39260 - 8
May 2010
5 of 18
Proprietary & Confidential
2. Electrical Characteristics
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage, VCC
-0.3V to 3.6V
Input Voltage Range
-0.3 to VCC+0.3
ESD Protection (including high-speed I/Os)
2kV (HBM)
Operating Temperature Range, TC
-40°C to 95°C
Reflow Profile (Tmax)
255°C + 5°C (3 sec)
Storage Temperature
-40°C to 100°C
NOTE: Stress above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those listed in the operational sections of this
specification is not applied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.


Similar Part No. - GN2014A

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
GN2012F-102Z FPE-GN2012F-102Z Datasheet
480Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-161Z FPE-GN2012F-161Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-181Z FPE-GN2012F-181Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
More results

Similar Description - GN2014A

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8239 VITESSE-VSC8239 Datasheet
235Kb / 2P
   9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner
logo
IC-Haus GmbH
IC-MSB ICHAUS-IC-MSB Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-TW3 ICHAUS-IC-TW3 Datasheet
443Kb / 24P
   SENSOR SIGNAL CONDITIONER WITH TEMPERATURE COMPENSATION AND LINE DRIVER
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
IC-Haus GmbH
IC-MSA ICHAUS-IC-MSA Datasheet
718Kb / 29P
   SIN/COS SIGNAL CONDITIONER with AGC and 1Vpp DRIVER
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
logo
List of Unclassifed Man...
ZSSC3008 ETC2-ZSSC3008 Datasheet
772Kb / 47P
   Sensor Signal Conditioner with Diagnostics
logo
Festo Corporation.
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com