Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1524 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS1524
Description  Multi-Rate SDI Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS1524_11 Datasheet HTML 3Page - Gennum Corporation GS1524_11 Datasheet HTML 4Page - Gennum Corporation GS1524_11 Datasheet HTML 5Page - Gennum Corporation GS1524_11 Datasheet HTML 6Page - Gennum Corporation GS1524_11 Datasheet HTML 7Page - Gennum Corporation GS1524_11 Datasheet HTML 8Page - Gennum Corporation GS1524_11 Datasheet HTML 9Page - Gennum Corporation GS1524_11 Datasheet HTML 10Page - Gennum Corporation GS1524_11 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GS1524 Multi-Rate SDI Adaptive Cable Equalizer
Data Sheet
14976 - 11
August 2011
7 of 16
3. Input/Output Circuits
All resistors in ohms, all capacitors in farads, unless otherwise shown.
Figure 3-1: Input Equivalent Circuit
Figure 3-2: CLI Output Circuit
Figure 3-3: MCLADJ Equivalent Circuit
Figure 3-4: CD/Mute Circuit
Figure 3-5: Output Circuit
Figure 3-6: Bypass Circuit
3k
3.6k
3k
3.6k
RC
SDI
SDI
10k
10k
VCC
CLI
-
+
VCC
MCLADJ
12k
150µ
+
-
7.5k
OUTPUT
STAGE
MUTE
CONTROL
VCC
CD/MUTE
50
50
SDO
SDO
Bypass
Internal
Reference


Similar Part No. - GS1524_11

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524-CKD GENNUM-GS1524-CKD Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CKDE3 GENNUM-GS1524-CKDE3 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTD GENNUM-GS1524-CTD Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTDE3 GENNUM-GS1524-CTDE3 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results

Similar Description - GS1524_11

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
logo
Gennum Corporation
GS9064 GENNUM-GS9064 Datasheet
202Kb / 10P
   GS9064 SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com