Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1524 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS1524
Description  Multi-Rate SDI Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524 Datasheet(HTML) 5 Page - Gennum Corporation

  GS1524 Datasheet HTML 1Page - Gennum Corporation GS1524 Datasheet HTML 2Page - Gennum Corporation GS1524 Datasheet HTML 3Page - Gennum Corporation GS1524 Datasheet HTML 4Page - Gennum Corporation GS1524 Datasheet HTML 5Page - Gennum Corporation GS1524 Datasheet HTML 6Page - Gennum Corporation GS1524 Datasheet HTML 7Page - Gennum Corporation GS1524 Datasheet HTML 8Page - Gennum Corporation GS1524 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
GS1524 Multi-Rate SDI Adaptive Cable Equalizer
Data Sheet
14976 - 11
August 2011
5 of 16
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.5V to +3.6VDC
Input ESD Voltage
500V
Storage Temperature Range
-50°C< Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC + 0.3)V
Operating Temperature Range
0°C to 70°C
Power Dissipation
300mW
Lead Temperature (soldering, 10 sec.)
260°C
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Notes
Supply Voltage
VCC
3.135
3.3
3.465
V
± 5%
Power Consumption
TA=25°C
PD
265
mW
Supply Current
TA=25°C
Ι
S
–80
mA
Output Common Mode Voltage
TA=25°C
VCMOUT
–VCC - ΔVSDO/2
V
Input Common Mode Voltage
TA=25°C
VCMIN
–1.75
V
CLI DC Voltage (0m)
TA=25°C
––
2.5
V
CLI DC Voltage (no signal)
TA=25°C
––
1.9
V
Floating MCLADJ DC Voltage
TA=25°C
––
1.3
V
MCLADJ Range
TA=25°C
0.69
V
CD/Mute Output Voltage
Carrier not present
VCD/Mute(OH)
2.6
V
Carrier present
VCD/Mute(OL)
––
1.2
CD/Mute Input Voltage
Required to Force Outputs to
Mute
Min to Mute
VCD/Mute
3.0
V
CD/Mute Input Voltage
Required to Force Active
Max to Activate
VCD/Mute
––
2.0
V


Similar Part No. - GS1524

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CKD GENNUM-GS1524-CKD Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CKDE3 GENNUM-GS1524-CKDE3 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTD GENNUM-GS1524-CTD Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTDE3 GENNUM-GS1524-CTDE3 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
More results

Similar Description - GS1524

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
logo
Gennum Corporation
GS9064 GENNUM-GS9064 Datasheet
202Kb / 10P
   GS9064 SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com