Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1524ACKDE3 Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS1524ACKDE3
Description  Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524ACKDE3 Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS1524ACKDE3 Datasheet HTML 4Page - Gennum Corporation GS1524ACKDE3 Datasheet HTML 5Page - Gennum Corporation GS1524ACKDE3 Datasheet HTML 6Page - Gennum Corporation GS1524ACKDE3 Datasheet HTML 7Page - Gennum Corporation GS1524ACKDE3 Datasheet HTML 8Page - Gennum Corporation GS1524ACKDE3 Datasheet HTML 9Page - Gennum Corporation GS1524ACKDE3 Datasheet HTML 10Page - Gennum Corporation GS1524ACKDE3 Datasheet HTML 11Page - Gennum Corporation GS1524ACKDE3 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GS1524A Adaptive Cable Equalizer
Data Sheet
28852 - 5
June 2009
8 of 16
Figure 2-1: Test Circuit
Output Resistance
single ended
50
Ω
NOTES:
1. All parts production tested. In order to guarantee jitter over the full range of specification (VCC = 3.3V ±5%, TA = 0°C to 70°C, and
720-880mV launch swing from the SDI cable driver) the recommended applications circuit must be used.
2. Tested on CB1524 board from 5MHz to 2GHz.
3. Based on characterization data using the recommended applications circuit, at VCC = 3.3V, TA = 25°C, and 800mV launch swing from the SDI
cable driver.
4. Equalizer Pathological test signal is used.
Table 2-2: AC Electrical Characteristics (Continued)
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
GigaBERT
1400
EXT.
CLOCK
CLOCK
OUT
DATA
OUT
EXT.
CLOCK
1.485GHz/270MHz
GS1524A
TEST BOARD
TDS 820
CH. 1
CH. 2
OUT
IN
OUT
EXT. TRIGGER
50/75
8281 or 1694A CABLE


Similar Part No. - GS1524ACKDE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
logo
Semtech Corporation
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results

Similar Description - GS1524ACKDE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com