Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1528A Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS1528A
Description  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528A Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS1528A Datasheet HTML 2Page - Gennum Corporation GS1528A Datasheet HTML 3Page - Gennum Corporation GS1528A Datasheet HTML 4Page - Gennum Corporation GS1528A Datasheet HTML 5Page - Gennum Corporation GS1528A Datasheet HTML 6Page - Gennum Corporation GS1528A Datasheet HTML 7Page - Gennum Corporation GS1528A Datasheet HTML 8Page - Gennum Corporation GS1528A Datasheet HTML 9Page - Gennum Corporation GS1528A Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
GS1528A/GS9068A HD-LINX® II Multi-Rate Dual
Slew-Rate Cable Driver
Data Sheet
30953 - 6
August 2010
6 of 18
Proprietary & Confidential
2.3 AC Electrical Characteristics
Table 2-3 shows the AC electrical characteristics of the GS1528A and the GS9068A
where conditions are VDD = 3.3V, TA = 0°C to 70°C, unless otherwise specified.
SD/HD Input
VIH
–2.4
V
1
7
VIL
––
0.8
V
1
7
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with
guard bands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with
guard bands for supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar
product.
9. Indirect test.
NOTES:
1. This parameter applies only to the GS1528A.
Table 2-2: DC Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Test
Levels
Table 2-3: AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Test
Levels
Serial input data
rate
DRSDO
GS1528A
1.485
Gb/s
1
1
DRSDO
GS9068A
540
Mb/s
1
Additive jitter
1.485Gb/s
22
psp-p
21
270Mb/s
16
–psp-p
–4
GS9068A
16
–psp-p
–1
Rise/Fall time
tr, tf
SD/HD=0
220
ps
2, 3
1
tr, tf
SD/HD=1
400
800
ps
2, 3
1
tr, tf
GS9068A
400
800
ps
3
1
Mismatch in rise/fall
time
tr, tf
––
30
ps
1
Duty cycle distortion
SD/HD=0
30
ps
2
1
SD/HD=1
100
ps
2
7
GS9068A
100
ps
1


Similar Part No. - GS1528A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528ACKAE3 GENNUM-GS1528ACKAE3 Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com