Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1532 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS1532
Description  Multi-Rate Serializer with ClockCleaner
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1532 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS1532 Datasheet HTML 2Page - Gennum Corporation GS1532 Datasheet HTML 3Page - Gennum Corporation GS1532 Datasheet HTML 4Page - Gennum Corporation GS1532 Datasheet HTML 5Page - Gennum Corporation GS1532 Datasheet HTML 6Page - Gennum Corporation GS1532 Datasheet HTML 7Page - Gennum Corporation GS1532 Datasheet HTML 8Page - Gennum Corporation GS1532 Datasheet HTML 9Page - Gennum Corporation GS1532 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
GS1532 Data Sheet
21498 - 8
February 2007
6 of 51
1.2 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
1
CP_VDD
Power
Power supply connection for the charge pump. Connect to +3.3V DC
analog.
2
PD_GND
Power
Ground connection for the phase detector. Connect to analog GND.
3
PD_VDD
Power
Power supply connection for the phase detector. Connect to +1.8V DC
analog.
4, 6-8, 10,
14-17, 31,
65, 66, 70,
71
NC
No connect.
5
RSV
Reserved. Connect to Analog GND.
9
DVB_ASI
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set HIGH in conjunction with SD/HD = HIGH and SMPTE_BYPASS
= LOW, the device will be configured to operate in DVB-ASI mode.
When set LOW, the device will not support the encoding of received
DVB-ASI data.
11
SD/HD
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set LOW, the device will be configured to transmit signal rates of
1.485Gb/s or 1.485/1.001Gb/s only.
When set HIGH, the device will be configured to transmit signal rates of
270Mb/s only.
12
20bit/10bit
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select the input data bus width in SMPTE or Data-Through
modes. This signal is ignored in DVB-ASI mode.
When set HIGH, the parallel input will be 20-bit demultiplexed data.
When set LOW, the parallel input will be 10-bit multiplexed data.


Similar Part No. - GS1532

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
191Kb / 9P
   HD-LINX II Voltage Controlled Oscillator
GS1532-CF GENNUM-GS1532-CF Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1532-CFE3 GENNUM-GS1532-CFE3 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
More results

Similar Description - GS1532

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS4915 GENNUM-GS4915_09 Datasheet
741Kb / 27P
   ClockCleaner
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com