Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9065A Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS9065A
Description  Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9065A Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS9065A Datasheet HTML 6Page - Gennum Corporation GS9065A Datasheet HTML 7Page - Gennum Corporation GS9065A Datasheet HTML 8Page - Gennum Corporation GS9065A Datasheet HTML 9Page - Gennum Corporation GS9065A Datasheet HTML 10Page - Gennum Corporation GS9065A Datasheet HTML 11Page - Gennum Corporation GS9065A Datasheet HTML 12Page - Gennum Corporation GS9065A Datasheet HTML 13Page - Gennum Corporation GS9065A Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
GS1535A / GS9065A Data Sheet
31497 - 4
June 2006
10 of 27
2.3 AC Electrical Characteristics
Output Voltage, DDO/DDO
Common Mode
VCC - (VOD/2)
V
1
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated
test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2 or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.
Table 2-1: DC Electrical Characteristics (Continued)
VCC = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Table 2-2: AC Electrical Characteristics
VCC = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Serial Input Data Rate
GS1535A
143
1485
Mb/s
3
GS9065A
143
540
Mb/s
3
Serial Input Jitter Tolerance
Worst case modulation
(e.g. square wave
modulation)
143, 270, 360, 1485 Mb/s
0.8
UI
1
PLL Lock Time -
Asynchronous
tALOCK
––
10
ms
6,7
GS1535A PLL Lock Time -
Synchronous
tSLOCK
CLF=47nF, SD/HD=0
10
us
6,7
tSLOCK
CLF=47nF, SD/HD=1
39
us
6,7
GS9065A PLL Lock Time -
Synchronous
tSLOCK
CLF=47nF
39
us
6,7
Serial Output Rise/Fall Time
(20% - 80%)
trDDO
50
Ω load (on chip)
114
ps
6,7
tfDDO
50
Ω load (on chip)
106
ps
6,7
Serial Input Swing
VSID
100
Ω load (on chip)
100
800
mVp-p
6,7
Serial Output Swing
VOD
100
Ω load differential
1400
1600
2200
mVp-p
6,7


Similar Part No. - GS9065A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9065A GENNUM-GS9065A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS9065ACFUE3 GENNUM-GS9065ACFUE3 Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS9065A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com