Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1545-CQRE3 Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS1545-CQRE3
Description  HDTV Serial Digital Equalizing Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1545-CQRE3 Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS1545-CQRE3 Datasheet HTML 4Page - Gennum Corporation GS1545-CQRE3 Datasheet HTML 5Page - Gennum Corporation GS1545-CQRE3 Datasheet HTML 6Page - Gennum Corporation GS1545-CQRE3 Datasheet HTML 7Page - Gennum Corporation GS1545-CQRE3 Datasheet HTML 8Page - Gennum Corporation GS1545-CQRE3 Datasheet HTML 9Page - Gennum Corporation GS1545-CQRE3 Datasheet HTML 10Page - Gennum Corporation GS1545-CQRE3 Datasheet HTML 11Page - Gennum Corporation GS1545-CQRE3 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
GENNUM CORPORATION
522 - 28 - 05
8 of 19
32, 33
SP_VEE
Power
Input
Negative Supply. Most negative power supply connection for the
parallel output stage.
34
PCLK_OUT
TTL
Output
Output Clock. The device uses PCLK_OUT for clocking the output
data stream from DATA_OUT[19:0]. This clock is also used to clock
the data into the GS1500 HDTV Deformatter or GS1510 Deformatter.
35
PCLK_VCC
Power
Input
Positive Supply. Most positive supply connection for parallel clock
output stage.
36
PCLK_VEE
Power
Input
Negative Supply. Most negative power supply connection for parallel
clock output stage.
41, 42, 43, 44,
45, 46, 47, 48,
49, 50, 53, 54,
55, 56, 59, 60,
61, 62, 63, 64
DATA_OUT[19:0]
TTL
Output
Parallel Data Output Bus. The device outputs a 20 bit parallel data
stream running at 74.25 or 74.25/1.001MHz on DATA_OUT[19:0].
DATA_OUT[19] is the MSB and DATA_OUT[0] is the LSB.
72
LFA_VCC
Power
Input
Positive Supply. Loop filter most positive power supply connection.
73
LFA
Analog
Output
Control Signal Output. Control voltage for GO1515 VCO.
74
LBCONT
Analog
Input
Control Signal Input. Used to provide electronic control of Loop
Bandwidth.
75
LFA_VEE
Power
Input
Negative Supply. Loop filter most negative power supply connection.
76
DFT_VEE
Power
Input
Most negative power supply connection - enables the jitter
demodulator functionality. This pin should be connected to ground. If
left floating, the DM function is disabled resulting in a current saving of
340µA.
79, 80
DM, DM
Analog
Output
Test Signal. Used for manufacturing test only.
These pins must be floating for normal operation.
81, 85
LFS, LFS
Analog
Input
Loop Filter Connections.
86
IJI
Analog
Output
Status Signal Output. Approximates the amount of excessive jitter on
the incoming DDI and DDI input.
89
VCO
Analog
Input
Control Signal Input. Input pin is AC coupled to ground using a 50
transmission line.
91
VCO
Analog
Input
Control Signal Input. Voltage controlled oscillator input. This pin is
connected to the output pin of the GO1515 VCO.
This pin must be connected to the GO1515 VCO output pin via a 50
transmission line.
93, 96
PLCAP, PLCAP
Analog
Input
Control Signal Input. Phase lock detect time constant capacitor.
98
PLL_LOCK
TTL
Output
Status Indicator Signal. This signal is a combination (logical AND) of
the carrier detect and phase lock signals.
When input is present and PLL is locked, the PLL_LOCK goes high
and the outputs are valid. When the PLL_LOCK output is low the data
output is muted (latched at the last state).
PLL_LOCK is independent of the BYPASS signal.
105
BYPASS
TTL
Input
Control Signal Input. Selectable input that controls whether the input
signal is reclocked or passed through the chip.
When BYPASS is high; the input signal is reclocked.
When BYPASS is low; the input signal is passed through the chip and
not reclocked. Muting does not effect bypassed signal.
PIN DESCRIPTIONS (Continued)
NUMBER
SYMBOL
LEVEL
TYPE
DESCRIPTION


Similar Part No. - GS1545-CQRE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1545-CQR GENNUM-GS1545-CQR Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
More results

Similar Description - GS1545-CQRE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com