Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS4915 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS4915
Description  ClockCleaner
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4915 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS4915 Datasheet HTML 5Page - Gennum Corporation GS4915 Datasheet HTML 6Page - Gennum Corporation GS4915 Datasheet HTML 7Page - Gennum Corporation GS4915 Datasheet HTML 8Page - Gennum Corporation GS4915 Datasheet HTML 9Page - Gennum Corporation GS4915 Datasheet HTML 10Page - Gennum Corporation GS4915 Datasheet HTML 11Page - Gennum Corporation GS4915 Datasheet HTML 12Page - Gennum Corporation GS4915 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
GS4915 ClockCleaner™
Data Sheet
39145 - 5
June 2009
9 of 27
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage (SE_VDD, REG_VDD)
-0.3 to +4.0 VDC
Core Supply Voltage (all 1.8V supplies)
-0.3 to +2.2 VDC
Input ESD Voltage
1 kV HBM
Storage Temperature
-50ºC < TS < 125ºC
Operating Temperature
-20ºC < TA < 85ºC
NOTE: Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions or at any other condition beyond those
indicated in the AC/DC Electrical Characteristic sections is not implied.
Table 2-1: DC Electrical Characteristics
VDD = 1.8V ±5%, 3.3V ±5%; TA = -20ºC to 85ºC, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Operating Temperature Range
TA
-20
25
85
ºC
Power Consumption
(SE_VDD = 1.8V Nominal)
P1.8V
1.8V Rail
156
270
mW
3.3V Rail
58
87
mW
Power Consumption
(SE_VDD = 3.3V Nominal)
P3.3V
1.8V Rail
132
243
mW
3.3V Rail
133
156
mW
+1.8V Power Supply Voltage
1.71
1.8
1.89
V
+3.3V Power Supply Voltage
3.135
3.3
3.465
V
+2.5V Regulator Output Voltage
Output load of 3-12mA
2.375
2.5
2.625
V
Input Voltage, Logic LOW
VIL
0
0.35 x
IO_VDD
V1,5
Input Voltage, Logic HIGH
VIH
0.65 x
IO_VDD
1.8
V
1,5
Output Voltage, Logic LOW
VOL
1.8V or 3.3V operation
0
0.4
V
2,3,5
Output Voltage, Logic HIGH
VOH
1.8V operation
0.65 x
IO_VDD
1.8
V
2,3,5
3.3V operation
0.65 x
IO_VDD
3.3
V
2,3,5


Similar Part No. - GS4915

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915-INE3 GENNUM-GS4915-INE3 Datasheet
648Kb / 26P
   ClockCleaner?
More results

Similar Description - GS4915

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com