Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9005BCPJE3 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9005BCPJE3
Description  Serial Digital Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9005BCPJE3 Datasheet(HTML) 1 Page - Gennum Corporation

  GS9005BCPJE3 Datasheet HTML 1Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 2Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 3Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 4Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 5Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 6Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 7Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 8Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NOT
RECOMMENDED
FOR
NEW
DESIGNS
• automatic cable equalization (typically 300m of high
quality cable at 270Mb/s)
• fully compatible with SMPTE 259M and operational
to 400 Mb/s
• adjustment free receiver when used with the
GS9000B or GS9000S decoder and GS9010A
Automatic Tuning Sub-system
• signal strength indicator
• selectable cable or direct digital inputs
• 28 pin PLCC packaging
• Pb-free and Green
APPLICATIONS
• 4ƒSC, 4:2:2 and 360 Mb/s serial digital interfaces
GENLINXGS9005B
Serial Digital Receiver
DATA SHEET
N
O
I
T
P
I
R
C
S
E
D
E
C
I
V
E
D
S
E
R
U
T
A
E
F
The GS9005B is a monolithic IC designed to receive SMPTE
259M serial digital video signals. This device performs the
functions of automatic cable equalization and data and clock
recovery.
It interfaces directly with the GENLINX™
GS9000B or GS9000S decoder, and GS9010A Automatic
Tuning Subsystem.
The VCO centre frequencies are controlled by external resistors
which can be selected by applying a two bit binary code to the
Standards Select input pins.
An additional feature is the Signal Strength Indicator output
which provides a 0.5V to 0V analog output relative to V
CC
indicating the amount of equalization being applied to the
signal.
The GS9005B is packaged in a 28 pin PLCC operating from
a single +5 or -5 volt supply.
Revision Date: November 2004
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
SPECIAL NOTE: R
VCO1 and RVCO2 are functional over a
reduced temperature range of T
A=0° C to 50° C. RVCO0
and R
VCO3 are functional over the full temperature range
of T
A=0° C to 70° C. This limitation does not affect
operation with the GS9010A ATS.
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3 tel. (905) 632-2996 fax: (905) 632-5946
Gennum Japan: Shinjuku Green Tower Building 27F 6-14-1, Nishi Shinjuku Shinjuku-ku, Tokyo 160-0023 Japan
Tel: +81 (03) 3349-5501
Fax: +81 (03) 3349-5505
Document No. 32466 - 1
Part Number
Package
Temperature Pb-Free and Green
GS9005BCPJ
28 Pin PLCC 0°C to 70°C
No
GS9005BCTJ
28 Pin PLCC 0°C to 70°C
No
Tape
GS9005BCPJE3
28 Pin PLCC 0°C to 70°C
Yes
SERIAL DATA
PLL
SERIAL CLOCK
LOOP
FILTER
SS0
SS1
EQUALIZER
CARRIER
DETECT
CABLE
IN
DIGITAL
IN
SIGNAL
STRENGTH
INDICATOR
AGC
CAPACITOR
LOGIC
COMPARATOR
Σ
FILTER
CONTROL
VOLTAGE
VARIABLE
FILTER
DC
RESTORER
DATA
LATCH
PHASE
COMPARATOR
CARRIER
DETECT
CHARGE
PUMP
STANDARD
SELECT
PEAK
DETECTOR
VCO
ANALOG
DIGITAL
SELECT
28
8,9
5,6
19
12
13 14 15 17
20
21
2
1
A/D
SERIAL DATA
SERIAL CLOCK
24
25
22
23
16
OUTPUT 'EYE'
MONITOR
÷2
ƒ/2 ENABLE
10
GS9005B


Similar Part No. - GS9005BCPJE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005BCPJE3 GENNUM-GS9005BCPJE3 Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results

Similar Description - GS9005BCPJE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com