Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9025A Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9025A
Description  Serial Digital Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9025A Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9025A_05 Datasheet HTML 3Page - Gennum Corporation GS9025A_05 Datasheet HTML 4Page - Gennum Corporation GS9025A_05 Datasheet HTML 5Page - Gennum Corporation GS9025A_05 Datasheet HTML 6Page - Gennum Corporation GS9025A_05 Datasheet HTML 7Page - Gennum Corporation GS9025A_05 Datasheet HTML 8Page - Gennum Corporation GS9025A_05 Datasheet HTML 9Page - Gennum Corporation GS9025A_05 Datasheet HTML 10Page - Gennum Corporation GS9025A_05 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
GENNUM CORPORATION
522 - 75 - 05
7 of 18
TYPICAL PERFORMANCE CURVES
(V
S = 5V, TA = 25°C unless otherwise shown)
Fig. 2 SSI/CD Voltage vs. Cable Length
(Belden 8281) (CD_ADJ = 0V)
Fig. 3 Equalizer Gain vs. Frequency
Fig. 4 Carrier Detect Adjust Voltage Threshold Characteristics
Fig. 5 Input Impedance
Fig. 6 Typical Additive Jitter vs. Input Cable Length (Belden 8281)
Pseudorandom (2
23-1)
Fig. 7 Typical Error Free Cable Length
0
50
100
150
200
250
300
350
400
450
500
5.00
4.50
4.00
3.50
3.00
2.50
CABLE LENGTH (m)
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
FREQUENCY (MHz)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
200
250
300
350
400
CABLE LENGTH (m)
270
j1
3000
1620
810
-j1
-j2
-j5
j5
j2
j0.2
-j0.2
-j0.5
j0.5
Frequencies in MHz, impedances normalized to 50
Ω
CABLE LENGTH (m)
450
400
350
300
250
200
150
100
50
0
0
50
100
150
200
250
300
350
400
540Mb/s
270Mb/s
(Characterized)
DATA RATE (Mb/s)
100
450
400
350
300
250
200
150
200
300
400
500
600


Similar Part No. - GS9025A_05

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9025ACQM GENNUM-GS9025ACQM Datasheet
192Kb / 18P
   Serial Digital Receiver
GS9025ACTM GENNUM-GS9025ACTM Datasheet
192Kb / 18P
   Serial Digital Receiver
More results

Similar Description - GS9025A_05

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com