Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9062 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 5 Page - Gennum Corporation

  GS9062 Datasheet HTML 1Page - Gennum Corporation GS9062 Datasheet HTML 2Page - Gennum Corporation GS9062 Datasheet HTML 3Page - Gennum Corporation GS9062 Datasheet HTML 4Page - Gennum Corporation GS9062 Datasheet HTML 5Page - Gennum Corporation GS9062 Datasheet HTML 6Page - Gennum Corporation GS9062 Datasheet HTML 7Page - Gennum Corporation GS9062 Datasheet HTML 8Page - Gennum Corporation GS9062 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
5 of 46
1. Pin Out
1.1 Pin Assignment
SDOUT_TDO
SDIN_TDI
SCLK_TCK
F
V
H
DIN0
DIN1
IO_GND
BLANK
CORE_GND
CORE_VDD
JTAG/HOST
CS_TMS
RESET_TRST
VCO_VCC
CP_GND
VCO_GND
LF
VCO
LOCKED
CP_CAP
CORE_GND
CORE_VDD
DIN19
DIN18
IO_VDD
PCLK
LB_CONT
VCO
DETECT_TRS
1
80
2
3
4
5
6
7
79
78
77
76
75
74
73
8
9
10
11
12
13
14
72
71
70
69
68
67
66
65
64
63
62
61
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
NC
NC
SDO
SDO
CD_GND
SDO_EN/DIS
NC
NC
NC
9062


Similar Part No. - GS9062

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
191Kb / 9P
   HD-LINX II Voltage Controlled Oscillator
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062-CF GENNUM-GS9062-CF Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062-CFE3 GENNUM-GS9062-CFE3 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results

Similar Description - GS9062

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
   3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
logo
Texas Instruments
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
[Old version datasheet]   HD, SD, DVB-ASI SDI Deserializer
LMH0340SQE TI1-LMH0340SQE Datasheet
926Kb / 30P
[Old version datasheet]   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_09 Datasheet
517Kb / 26P
   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
LMH0341 NSC-LMH0341_08 Datasheet
530Kb / 28P
   3G, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
National Semiconductor ...
LMH4345 NSC-LMH4345 Datasheet
166Kb / 6P
   3 Gbps, HD, SD, DVB-ASI SDI Dual Serializer / Deserializer (SER/DES) with Loopthrough and LVDS Interface
LMH0341 NSC-LMH0341_09 Datasheet
578Kb / 28P
   3 Gbps, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com