Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9068 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9068
Description  SD SDI Cable Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068 Datasheet(HTML) 4 Page - Gennum Corporation

  GS9068_10 Datasheet HTML 1Page - Gennum Corporation GS9068_10 Datasheet HTML 2Page - Gennum Corporation GS9068_10 Datasheet HTML 3Page - Gennum Corporation GS9068_10 Datasheet HTML 4Page - Gennum Corporation GS9068_10 Datasheet HTML 5Page - Gennum Corporation GS9068_10 Datasheet HTML 6Page - Gennum Corporation GS9068_10 Datasheet HTML 7Page - Gennum Corporation GS9068_10 Datasheet HTML 8Page - Gennum Corporation GS9068_10 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GS9068 SD SDI Cable Driver
Data Sheet
22213 - 4
August 2010
4 of 11
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage
-0.5V to 3.6 VDC
Input ESD Voltage
500V
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range0°C to 70°C
Power Dissipation
300mW
Lead Temperature (soldering, 10
sec)
260°C
Table 2-2: DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Units
Test
Level
Supply VoltageVCC
3.1
3.3
3.5
V
3
Power
Consumption
PD
-160-
mW
5
Supply Current
Is
-48
-
mA
1
Output VoltageVOC
Common mode-
VCC - ΔVSDO(SE)
-mV
6
Input VoltageVIC
Common mode1.6 + ΔVSDI(DIFF)/2
-
VCC - ΔVSDI(DIFF)/2
mV
1


Similar Part No. - GS9068_10

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068-CKA GENNUM-GS9068-CKA Datasheet
113Kb / 8P
   SD SDI Cable Driver
GS9068-CKAE3 GENNUM-GS9068-CKAE3 Datasheet
113Kb / 8P
   SD SDI Cable Driver
GS9068-CTA GENNUM-GS9068-CTA Datasheet
113Kb / 8P
   SD SDI Cable Driver
GS9068-CTAE3 GENNUM-GS9068-CTAE3 Datasheet
113Kb / 8P
   SD SDI Cable Driver
GS9068A GENNUM-GS9068A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS9068_10

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068 GENNUM-GS9068 Datasheet
113Kb / 8P
   SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21202 MA-COM-M21202 Datasheet
102Kb / 2P
   SD-SDI Broadcast Video Co-axial Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com