Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9077CNE3 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS9077CNE3
Description  HD-LINX III SD-SDI Cable Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9077CNE3 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS9077CNE3 Datasheet HTML 6Page - Gennum Corporation GS9077CNE3 Datasheet HTML 7Page - Gennum Corporation GS9077CNE3 Datasheet HTML 8Page - Gennum Corporation GS9077CNE3 Datasheet HTML 9Page - Gennum Corporation GS9077CNE3 Datasheet HTML 10Page - Gennum Corporation GS9077CNE3 Datasheet HTML 11Page - Gennum Corporation GS9077CNE3 Datasheet HTML 12Page - Gennum Corporation GS9077CNE3 Datasheet HTML 13Page - Gennum Corporation GS9077CNE3 Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
GS9077 Data Sheet
44619 - 0
May 2007
11 of 14
6. Package & Ordering Information
6.1 Package Dimensions
4.00+/-0.05
B
2X
2X
0.15
0.15
C
C
0.10 C
16X
0.08 C
SEATING PLANE
0.65/2
0.65
DETAIL B
SCALE:NTS
DATUM A OR B
TERMINAL TIP
DATUM B
0.65
16X
0.35+/-0.05
0.10
0.05
C
A B
C
DATUM A
2.76+/-0.10
DETAIL B
CENTER TAB
PIN 1 AREA
A
C


Similar Part No. - GS9077CNE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
logo
Semtech Corporation
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074ACNE3 GENNUM-GS9074ACNE3 Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS9074ACNE3 GENNUM-GS9074ACNE3 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
More results

Similar Description - GS9077CNE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com