Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9091B Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9091B
Description  GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9091B Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9091B Datasheet HTML 3Page - Gennum Corporation GS9091B Datasheet HTML 4Page - Gennum Corporation GS9091B Datasheet HTML 5Page - Gennum Corporation GS9091B Datasheet HTML 6Page - Gennum Corporation GS9091B Datasheet HTML 7Page - Gennum Corporation GS9091B Datasheet HTML 8Page - Gennum Corporation GS9091B Datasheet HTML 9Page - Gennum Corporation GS9091B Datasheet HTML 10Page - Gennum Corporation GS9091B Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
GS9091B GenLINX® II 270Mb/s Deserializer for SDI
and DVB-ASI
Data Sheet
38910 - 2
July 2008
7 of 71
Proprietary & Confidential
A10, B10,
C10, D10,
E10, F10,
G10, H10,
J10, K10
DOUT[9:0]
Synchronous
with RD_CLK
or PCLK
Output
PARALLEL VIDEO DATA BUS
Signal levels are LVCMOS / LVTTL compatible.
When the internal FIFO is enabled and configured for either video
mode or DVB-ASI mode, parallel data will be clocked out of the
device on the rising edge of RD_CLK.
When the internal FIFO is in bypass mode, parallel data will be
clocked out of the device on the rising edge of PCLK.
DOUT9 is the MSB and DOUT0 is the LSB.
B1
LF-
Analog
Input
Loop filter component connection. Connect to LF+ through a 4.4nF
capacitor.
B2
PLL_VDD
Analog
Input
Power
Power supply connection for phase-locked loop. Connect to +1.8V
DC.
B3
PLL_GND
Analog
Input
Power
Ground connection for phase-locked loop. Connect to GND.
B4
VCO_GND
Analog
Input
Power
Ground connection for Voltage-Controlled-Oscillator. Connect to
GND.
B6
FW_EN
Non
Synchronous
Input
CONTOL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to enable or disable the noise immune flywheel of the device.
When set HIGH, the internal flywheel is enabled. This flywheel is
used in the extraction of timing signals, the generation of TRS
signals, the automatic detection of video standards, and in manual
switch line lock handling.
When set LOW, the internal flywheel is disabled. Timing based TRS
errors will not be detected.
B7, J6
CORE_VDD
Non
Synchronous
Input
Power
Power supply for digital logic blocks. Connect to +1.8V DC.
B8
SMPTE_BYPASS
Non
Synchronous
Input /
Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS / LVTTL compatible.
This pin is an input set by the application layer in Manual mode,
and an output set by the device in Auto mode.
Auto Mode (AUTO/MAN = HIGH):
The SMPTE_BYPASS pin will be HIGH only when the device has
locked to a SMPTE compliant data stream. It will be LOW
otherwise. When the pin is LOW, no I/O processing features are
available.
Manual Mode (AUTO/MAN = LOW):
When the application layer sets this pin HIGH in conjunction with
DVB_ASI = LOW, the device will be configured to operate in SMPTE
mode. All I/O processing features may be enabled in this mode.
When SMPTE_BYPASS is set LOW, the device will not support the
descrambling, decoding, or word alignment of received SMPTE
data. No I/O processing features will be available.
Table 1-1: Ball List and Description (Continued)
Ball
Name
Timing
Type
Description


Similar Part No. - GS9091B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
More results

Similar Description - GS9091B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com