Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES0314-5 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # ES0314-5
Description  High Power Switch 2 GHz to 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ES0314-5 Datasheet(HTML) 1 Page - Micronetics, Inc.

  ES0314-5 Datasheet HTML 1Page - Micronetics, Inc. ES0314-5 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Power Switch
ES0314-5
2 GHz to 18 GHz
Power Input Specifications
RF Frequency
2 GHz to 18 GHz
Peak Power
5 Watts max
Average Power
5 Watts max
Pulse Width
CW uSec max
Load VSWR
2:1 max
Microwave Specifications
VSWR
1.6:1 max
Switching Speed
150 ns max
Mechanical
RF Connector
SMA-F
Bias Connector
Solder Pins
Control Connector
Solder Pins
Control
TTL
Positive Supply
5 Vdc
80 mA
Negative Supply
-15 Vdc
Power
80 mA
Environmental Ratings
Storage Temperature
-55 to 125 °C
Operating Temperature
-55 to 85 °C
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - ES0314-5

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ES0314-50 MICRONETICS-ES0314-50 Datasheet
192Kb / 2P
   High Power Switch 2 GHz to 18 GHz
More results

Similar Description - ES0314-5

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ES0314-50 MICRONETICS-ES0314-50 Datasheet
192Kb / 2P
   High Power Switch 2 GHz to 18 GHz
ES0314-10 MICRONETICS-ES0314-10 Datasheet
192Kb / 2P
   High Power Switch 2 GHz to 18 GHz
ES0314-20 MICRONETICS-ES0314-20 Datasheet
192Kb / 2P
   High Power Switch 2 GHz to 18 GHz
ES0013 MICRONETICS-ES0013 Datasheet
158Kb / 2P
   High Power Switch 8 GHz to 18 GHz
ES0011 MICRONETICS-ES0011 Datasheet
159Kb / 2P
   High Power Switch 2 GHz to 4 GHz
logo
Pasternack Enterprises,...
PE80L3000 PASTERNACK-PE80L3000 Datasheet
418Kb / 7P
   2 GHz to 18 GHz Frequency Range
logo
Micronetics, Inc.
EL0096 MICRONETICS-EL0096 Datasheet
170Kb / 2P
   High Power Limiters 12 GHz to 18 GHz
logo
Pasternack Enterprises,...
PE15A3265 PASTERNACK-PE15A3265 Datasheet
461Kb / 5P
   2 GHz to 18 GHz Frequency Range
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
   0.1 GHz to 18 GHz, GaAs SP4T Switch
logo
TriQuint Semiconductor
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
   0.5 to 18 GHz High Power SPDT Reflective Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com