Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHB22N60E Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHB22N60E
Description  E Series Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHB22N60E Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHB22N60E Datasheet HTML 1Page - Vishay Siliconix SIHB22N60E Datasheet HTML 2Page - Vishay Siliconix SIHB22N60E Datasheet HTML 3Page - Vishay Siliconix SIHB22N60E Datasheet HTML 4Page - Vishay Siliconix SIHB22N60E Datasheet HTML 5Page - Vishay Siliconix SIHB22N60E Datasheet HTML 6Page - Vishay Siliconix SIHB22N60E Datasheet HTML 7Page - Vishay Siliconix SIHB22N60E Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SiHB22N60E
www.vishay.com
Vishay Siliconix
S11-2087 Rev. B, 31-Oct-11
4
Document Number: 91472
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10 - Temperature vs. Drain-to-Source Voltage
Fig. 11 - Normalized Thermal Transient Impedance, Junction-to-Case
VSD, Source-Drain Voltage (V)
1
0.001
0
0.4
1.0
1000
0.01
0.1
10
100
0.2
0.6
0.8
1.2
1.4
0.0001
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
V
DS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
1
10
100
1000
* V
GS > minimum VGS at which RDS(on) is specified
I
DM = Limited
BVDSS Limited
Operation in this Area
Limited by R
DS(on)
100 μs
1 ms
10 ms
TC = 25 °C
TJ = 150 °C
Single Pulse
Limited by R
DS(on)*
TJ, Case Temperature (°C)
5
10
15
20
25
25
50
75
100
125
150
0
TJ, Junction Temperature (°C)
675
600
- 60
0
160
725
700
650
625
575
- 40 - 20
20
40
60
80 100 120 140
550
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Pulse Time (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse


Similar Part No. - SIHB22N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHB22N60E VISHAY-SIHB22N60E Datasheet
218Kb / 9P
   E Series Power MOSFET
Rev. F, 02-Dec-13
logo
Inchange Semiconductor ...
SIHB22N60E ISC-SIHB22N60E Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHB22N60E-GE3 VISHAY-SIHB22N60E-GE3 Datasheet
219Kb / 9P
   E Series Power MOSFET
01-Jan-2022
SIHB22N60EF VISHAY-SIHB22N60EF Datasheet
199Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
logo
Inchange Semiconductor ...
SIHB22N60EL ISC-SIHB22N60EL Datasheet
322Kb / 2P
   iscN-Channel MOSFET Transistor
More results

Similar Description - SIHB22N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP12N50E VISHAY-SIHP12N50E Datasheet
159Kb / 9P
   E Series Power MOSFET
Rev. B, 23-Feb-15
SIHA14N60E VISHAY-SIHA14N60E Datasheet
154Kb / 7P
   E Series Power MOSFET
Rev. B, 15-Aug-16
SIHD14N60E VISHAY-SIHD14N60E Datasheet
136Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHW47N60E VISHAY-SIHW47N60E Datasheet
243Kb / 8P
   E Series Power MOSFET
Rev. D, 18-Nov-13
SIHG40N60E VISHAY-SIHG40N60E Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHG47N60AE VISHAY-SIHG47N60AE Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 04-Jul-16
SIHF12N65E VISHAY-SIHF12N65E Datasheet
148Kb / 7P
   E Series Power MOSFET
Rev. E, 15-Aug-16
SIHJ8N60E VISHAY-SIHJ8N60E Datasheet
224Kb / 11P
   E Series Power MOSFET
Rev. A, 19-Oct-15
SIHB35N60E VISHAY-SIHB35N60E Datasheet
162Kb / 7P
   E Series Power MOSFET
Rev. A, 13-Jun-16
SIHA22N60E VISHAY-SIHA22N60E Datasheet
180Kb / 8P
   E Series Power MOSFET
Rev. F, 15-Aug-16
SIHG47N65E VISHAY-SIHG47N65E Datasheet
157Kb / 7P
   E Series Power MOSFET
Rev. D, 23-Feb-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com