Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN1325 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PAN1325
Description  PAN1323ETU Triple Mode Simplifies the Development Environment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PAN1325 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PAN1325 Datasheet HTML 1Page - Panasonic Semiconductor PAN1325 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAN1323ETU Triple Mode Simplifies the Development Environment
New
Product
Introduction
Copyright © 2011 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
PAN1323ETUNPI, FY11-042-XXX
www.panasonic.com/rfmodules
piccomponentsmarketing@us.panasonic.com
1-800-344-2112
Applications:
Parameter
Value
Condition / Notes
Receiver Sensitivity (BER=10-3)
-93 dBm
GFSK, Typical, Dirty TX On
Output Power
10 dBm
VDD_In = VBAT
Power Supply
1.7 - 4.8 V
Battery or DC/DC
Ultra Low Power Scan
135 uA
1.28s Interval
GFSK DH1\DH5
33 mA
Full Throughput
Operating Temperature Range
-20°C to + 70°C
-40°C to + 85°C Optional
Technical Specifications for PAN1323ETU:
Block Diagram PAN1323ETU:
Sports and Fitness
Heart Rate Monitor
Blood Pressure Sensor
Blood Glucose Meter
Thermometer
Assisted Living
Flood Alarm
Heating Control
Automatic Key Control
Thermometer
Industrial Sensors
Toys
Entertainment Devices
Mobile Accessories
All Bluetooth Wireless
Applications
New
Product
Introduction


Similar Part No. - PAN1325

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1325 PANASONIC-PAN1325 Datasheet
831Kb / 2P
   Dual-Mode ANT??and Wireless Bluetooth짰 ConnectivityPiDesign
PAN1325 PANASONIC-PAN1325 Datasheet
947Kb / 2P
   BLUETOOTH짰 LOW ENERGY RF MODULES
PAN1325A PANASONIC-PAN1325A Datasheet
848Kb / 2P
   BLUETOOTH짰 RF MODULES
logo
Panasonic Battery Group
PAN1325A PANASONICBATTERY-PAN1325A Datasheet
1Mb / 4P
   A Comprehensive Guide to Choosing the Right RF Module
More results

Similar Description - PAN1325

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1833 STMICROELECTRONICS-UM1833 Datasheet
874Kb / 8P
   Getting started with the STCOMET development environment
logo
Renesas Technology Corp
R20UT2903EJ0100 RENESAS-R20UT2903EJ0100 Datasheet
64Kb / 1P
   Integrated Development Environment
logo
4D Systems Pty Ltd
WORKSHOP4 4DSYSTEMS-WORKSHOP4 Datasheet
4Mb / 52P
   Integrated Development Environment
27th July 2020/Revision: 2.3
logo
Renesas Technology Corp
R0E00008AKCE00EP49 RENESAS-R0E00008AKCE00EP49 Datasheet
652Kb / 37P
   Microcomputer Development Environment System
R0E00008AKCE00EP64 RENESAS-R0E00008AKCE00EP64 Datasheet
485Kb / 80P
   Microcomputer Development Environment System
R0E00008AKCE00EP38 RENESAS-R0E00008AKCE00EP38 Datasheet
726Kb / 35P
   Microcomputer Development Environment System
R0E00008AKCE00EP57 RENESAS-R0E00008AKCE00EP57 Datasheet
710Kb / 35P
   Microcomputer Development Environment System
SH72544R RENESAS-SH72544R Datasheet
564Kb / 56P
   Microcomputer Development Environment System
R0E00008AKCE00EP63 RENESAS-R0E00008AKCE00EP63 Datasheet
871Kb / 158P
   Microcomputer Development Environment System
R0E00008AKCE00EP9 RENESAS-R0E00008AKCE00EP9 Datasheet
405Kb / 23P
   Microcomputer Development Environment System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com