Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2485BRWZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM2485BRWZ
Description  High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485BRWZ Datasheet(HTML) 5 Page - Analog Devices

  ADM2485BRWZ Datasheet HTML 1Page - Analog Devices ADM2485BRWZ Datasheet HTML 2Page - Analog Devices ADM2485BRWZ Datasheet HTML 3Page - Analog Devices ADM2485BRWZ Datasheet HTML 4Page - Analog Devices ADM2485BRWZ Datasheet HTML 5Page - Analog Devices ADM2485BRWZ Datasheet HTML 6Page - Analog Devices ADM2485BRWZ Datasheet HTML 7Page - Analog Devices ADM2485BRWZ Datasheet HTML 8Page - Analog Devices ADM2485BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM2485
Rev. A | Page 5 of 20
TIMING SPECIFICATIONS
2.7 V ≤ VDD1 ≤ 5.5 V, 4.75 V ≤ VDD2 ≤ 5.25 V, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
16
Mbps
Propagation Delay Input-to-Output
tPLH, tPHL
25
45
55
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 25
RTS-to-DE OUT Propagation Delay
20
35
55
ns
See Figure 26
Driver Output-to-Output, tSKEW
2
5
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 2 and Figure 25
Rise/Fall Time, tR, tF
5
15
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 2 and Figure 25
Enable Time
43
53
ns
See Figure 4 and Figure 27
Disable Time
43
55
ns
See Figure 4 and Figure 27
Enable Skew, |tAZH − tBZL|, |tAZL − tBZH|
1
3
ns
See Figure 4 and Figure 27
Disable Skew, |tAHZ − tBLZ|, |tALZ − tBHZ|
2
5
ns
See Figure 4 and Figure 27
RECEIVER
Propagation Delay, tPLH, tPHL
25
45
55
ns
CL = 15 pF, see Figure 3 and Figure 28
Differential Skew, tSKEW
5
ns
CL = 15 pF, see Figure 3 and Figure 28
Enable Time
3
13
ns
RL = 1 kΩ, CL = 15 pF, see Figure 5 and Figure 29
Disable Time
3
13
ns
RL = 1 kΩ, CL = 15 pF, see Figure 5 and Figure 29
Timing Diagrams
tPHL
tPLH
3V
0V
VOUT
B
A
+VOUT
0V
–VOUT
1.5V
1.5V
tF
tR
10% POINT
10% POINT
90% POINT
90% POINT
1/2VOUT
tSKEW = |tPLH – tPHL|
Figure 2. Driver Propagation Delay, Rise/Fall Timing
tSKEW = |tPLH – tPHL|
A – B
RxD
0V
0V
1.5V
1.5V
tPLH
tPHL
VOH
VOL
Figure 3. Receiver Propagation Delay
VOH
VOH – 0.5V
VOL
VOH + 0.5V
tLZ
tZL
tHZ
tZH
A – B
A – B
RTS
0.7VDD1
0.3VDD1
0.5VDD1
0.5VDD1
2.3V
2.3V
0V
Figure 4. Driver Enable/Disable Timing
0.7VDD1
0.3VDD1
0.5VDD1
0.5VDD1
VOH
VOL
OUTPUT LOW
OUTPUT HIGH
tLZ
tZL
tHZ
tZH
VOH – 0.5V
VOH + 0.5V
1.5V
1.5V
RxD
RxD
RE
0V
Figure 5. Receiver Enable/Disable Timing


Similar Part No. - ADM2485BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485BRWZ-REEL AD-ADM2485BRWZ-REEL Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ-REEL7 AD-ADM2485BRWZ-REEL7 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results

Similar Description - ADM2485BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com