Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2490EBRWZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2490EBRWZ-REEL7
Description  High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2490EBRWZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADM2490EBRWZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Speed, ESD-Protected, Full-Duplex,
iCoupler Isolated RS-485 Transceiver
ADM2490E
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Isolated, full-duplex RS-485/RS-422 transceiver
±8 kV ESD protection on RS-485 input/output pins
16 Mbps data rate
Complies with ANSI TIA/EIA-485-A-1998 and
ISO 8482: 1987(E)
Suitable for 5 V or 3 V operation (VDD1)
High common-mode transient immunity: >25 kV/μs
Receiver has open-circuit, fail-safe design
32 nodes on the bus
Thermal shutdown protection
Safety and regulatory approvals
UL recognition: 5000 V rms isolation voltage
for 1 minute per UL 1577
VDE certificate of conformity
DIN EN 60747-5-2 (VDE 0884-10 Part 2): 2003-01
DIN EN 60950 (VDE 0805): 2001-12; EN 60950: 2000
VIORM = 848 V peak
Operating temperature range: −40°C to +105°C
Wide body, 16-lead SOIC package
APPLICATIONS
Isolated RS-485/RS-422 interfaces
Industrial field networks
INTERBUS
Multipoint data transmission systems
FUNCTIONAL BLOCK DIAGRAM
VDD1
GND1
A
B
VDD2
GND2
Y
Z
TxD
RxD
ADM2490E
Figure 1.
GENERAL DESCRIPTION
The ADM2490E is an isolated data transceiver with ±8 kV ESD
protection that is suitable for high speed, full-duplex communi-
cation on multipoint transmission lines. It is designed for balanced
transmission lines and complies with ANSI TIA/EIA-485-A-1998
and ISO 8482: 1987(E). The device employs Analog Devices, Inc.,
iCoupler® technology to combine a 2-channel isolator, a three-
state differential line driver, and a differential input receiver into
a single package.
The differential transmitter outputs and receiver inputs feature
electrostatic discharge circuitry that provides protection to ±8 kV
using the human body model (HBM). The logic side of the device
can be powered with either a 5 V or a 3 V supply, whereas the
bus side requires an isolated 5 V supply.
The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations where bus
contention could cause excessive power dissipation.
The ADM2490E is available in a wide body, 16-lead SOIC package
and operates over the −40°C to +105°C temperature range.


Similar Part No. - ADM2490EBRWZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2490EBRWZ-REEL71 AD-ADM2490EBRWZ-REEL71 Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
More results

Similar Description - ADM2490EBRWZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com