Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM2210TRWZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADuM2210TRWZ
Description  Dual-Channel Digital Isolators, 5 kV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2210TRWZ Datasheet(HTML) 5 Page - Analog Devices

  ADuM2210TRWZ Datasheet HTML 1Page - Analog Devices ADuM2210TRWZ Datasheet HTML 2Page - Analog Devices ADuM2210TRWZ Datasheet HTML 3Page - Analog Devices ADuM2210TRWZ Datasheet HTML 4Page - Analog Devices ADuM2210TRWZ Datasheet HTML 5Page - Analog Devices ADuM2210TRWZ Datasheet HTML 6Page - Analog Devices ADuM2210TRWZ Datasheet HTML 7Page - Analog Devices ADuM2210TRWZ Datasheet HTML 8Page - Analog Devices ADuM2210TRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADuM2210/ADuM2211
Rev. A | Page 5 of 2
ELECTRICAL CHARACTERISTICS—3 V OPERATION
All voltages are relative to their respective ground. 3.0 V ≤ VDD1 ≤ 3.6 V, 3.0 V ≤ VDD2 ≤ 3.6 V. All minimum/maximum specifications apply over
the entire recommended operation range, unless otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.0 V.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current, per Channel, Quiescent
IDDI (Q)
0.3
0.5
mA
Output Supply Current, per Channel, Quiescent
IDDO (Q)
0.3
0.5
mA
ADuM2210, Total Supply Current, Two Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
0.8
1.3
mA
DC to 1 MHz logic signal
frequency
VDD2 Supply Current
IDD2 (Q)
0.7
1.0
mA
DC to 1 MHz logic signal
frequency
10 Mbps (TR Grade Only)
VDD1 Supply Current
IDD1 (10)
2.0
3.2
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
1.1
1.7
mA
5 MHz logic signal frequency
ADuM2211, Total Supply Current, Two Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
0.7
1.3
mA
DC to 1 MHz logic signal
frequency
VDD2 Supply Current
IDD2 (Q)
0.8
1.6
mA
DC to 1 MHz logic signal
frequency
10 Mbps (TR Grade Only)
VDD1 Supply Current
IDD1 (10)
1.5
2.1
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
1.9
2.4
mA
5 MHz logic signal frequency
For All Models
Input Currents
IIA, IIB
−10
+0.01
+10
μA
0 V ≤ VIA, VIB ≤ VDD1 or VDD2
Logic High Input Threshold
VIH
0.7 (VDD1
or VDD2)
V
Logic Low Input Threshold
VIL
0.3 (VDD1
or VDD2)
V
Logic High Output Voltages
VOAH
(VDD1 or
VDD2) −
0.1
3.0
V
IOx = −20 μA, VIx = VIxH
VOBH
(VDD1 or
VDD2) −
0.5
2.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
VOBL
0.04
0.1
V
IOx = 400 μA, VIx = VIxL
0.2
0.42
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM221xSR
Minimum Pulse Width2
PW
1000
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay4
tPHL, tPLH
20
150
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|4
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew5
tPSK
100
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching6
tPSKCD/tPSKOD
50
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
tR/tF
10
ns
CL = 15 pF, CMOS signal levels


Similar Part No. - ADuM2210TRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210TRWZ AD-ADUM2210TRWZ Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
More results

Similar Description - ADuM2210TRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
   1 kV, Dual Channel Digital Isolators
REV. A
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com