Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM2250ARIZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADuM2250ARIZ-RL
Description  Hot-Swappable, Dual I2C Isolators, 5 kV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2250ARIZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuM2250ARIZ-RL Datasheet HTML 5Page - Analog Devices ADuM2250ARIZ-RL Datasheet HTML 6Page - Analog Devices ADuM2250ARIZ-RL Datasheet HTML 7Page - Analog Devices ADuM2250ARIZ-RL Datasheet HTML 8Page - Analog Devices ADuM2250ARIZ-RL Datasheet HTML 9Page - Analog Devices ADuM2250ARIZ-RL Datasheet HTML 10Page - Analog Devices ADuM2250ARIZ-RL Datasheet HTML 11Page - Analog Devices ADuM2250ARIZ-RL Datasheet HTML 12Page - Analog Devices ADuM2250ARIZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADuM2250/ADuM2251
Rev. A | Page 9 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
ADuM2250/
ADuM2251
TOP VIEW
(Not to Scale)
GND1* 1
NC 2
VDD1 3
NC 4
GND2*
16
NC
15
VDD2
14
NC
13
SDA1 5
SDA2
12
SCL1 6
SCL2
11
GND1* 7
NC
10
NC 8
GND2*
9
*PIN 1 AND PIN 7 ARE INTERNALLY CONNECTED. CONNECTING BOTH TO
GND1 IS RECOMMENDED. PIN 9 AND PIN 16 ARE INTERNALLY CONNECTED.
CONNECTING BOTH TO GND2 IS RECOMMENDED.
Figure 5. Pin Configuration
Table 9. ADuM2250 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND1
Ground 1. Ground reference for Isolator Side 1.
2
NC
No Connect.
3
VDD1
Supply Voltage, 3.0 V to 5.5 V.
4
NC
No Connect.
5
SDA1
Data Input/Output, Side 1.
6
SCL1
Clock Input/Output, Side 1.
7
GND1
Ground 1. Ground reference for Isolator Side 1.
8
NC
No Connect.
9
GND2
Ground 2. Isolated ground reference for Isolator Side 2.
10
NC
No Connect.
11
SCL2
Clock Input/Output, Side 2.
12
SDA2
Data Input/Output, Side 2.
13
NC
No Connect.
14
VDD2
Supply Voltage, 3.0 V to 5.5 V.
15
NC
No Connect.
16
GND2
Ground 2. Isolated ground reference for Isolator Side 2.
Table 10. ADuM2251 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND1
Ground 1. Ground reference for Isolator Side 1.
2
NC
No Connect.
3
VDD1
Supply Voltage, 3.0 V to 5.5 V.
4
NC
No Connect.
5
SDA1
Data Input/Output, Side 1.
6
SCL1
Clock Input, Side 1.
7
GND1
Ground 1. Ground reference for Isolator Side 1.
8
NC
No Connect.
9
GND2
Ground 2. Isolated ground reference for Isolator Side 2.
10
NC
No Connect.
11
SCL2
Clock Output, Side 2.
12
SDA2
Data Input/Output, Side 2.
13
NC
No Connect.
14
VDD2
Supply Voltage, 3.0 V to 5.5 V.
15
NC
No Connect.
16
GND2
Ground 2. Isolated ground reference for Isolator Side 2.


Similar Part No. - ADuM2250ARIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2250ARIZ-RL AD-ADUM2250ARIZ-RL Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results

Similar Description - ADuM2250ARIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2250 AD-ADUM2250_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com