Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100SP1T1B2VS2QEH Datasheet(PDF) 2 Page - E-SWITCH

Part # 100SP1T1B2VS2QEH
Description  TOGGLE SWITCHES - MINIATURE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100SP1T1B2VS2QEH Datasheet(HTML) 2 Page - E-SWITCH

  100SP1T1B2VS2QEH Datasheet HTML 1Page - E-SWITCH 100SP1T1B2VS2QEH Datasheet HTML 2Page - E-SWITCH 100SP1T1B2VS2QEH Datasheet HTML 3Page - E-SWITCH 100SP1T1B2VS2QEH Datasheet HTML 4Page - E-SWITCH 100SP1T1B2VS2QEH Datasheet HTML 5Page - E-SWITCH 100SP1T1B2VS2QEH Datasheet HTML 6Page - E-SWITCH 100SP1T1B2VS2QEH Datasheet HTML 7Page - E-SWITCH 100SP1T1B2VS2QEH Datasheet HTML 8Page - E-SWITCH 100SP1T1B2VS2QEH Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3
2
1
12
11
10
4
5
6
7
8
9
Epoxy Seal
POS 1
POS 2
POS 3
25˚
POS 1
POS 2
POS 3
25˚
Epoxy Seal
www.e-switch.com
info@e-switch.com
113
4PDT
SPDT
DPDT
3PDT
SCHEMATIC
POS 1
Epoxy Seal
POS 2
POS 3
25˚
3
2
1
POS 1
POS 2
POS 3
25˚
Epoxy Seal
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
4P-1
ON
NONE
ON
4P-2
ON
NONE
(ON)
4P-3
ON
OFF
ON
4P-4
(ON)
OFF
(ON)
4P-5
ON
OFF
(ON)
4P-7
ON
ON
(ON)
4P-8
(ON)
ON
(ON)
2-3, 5-6
2-1, 5-4
Term. Comm.
8-9
OPEN
8-7
11-12
11-10
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
SP-1
ON
NONE
ON
SP-2
ON
NONE
(ON)
SP-3
ON
OFF
ON
SP-4
(ON)
OFF
(ON)
SP-5
ON
OFF
(ON)
Term. Comm.
2-3
OPEN
2-1
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
3P-1
ON
NONE
ON
3P-2
ON
NONE
(ON)
3P-3
ON
OFF
ON
3P-4
(ON)
OFF
(ON)
3P-5
ON
OFF
(ON)
Term. Comm.
2-3, 5-6
OPEN
2-1, 5-4
8-9
8-7
4P-6
ON
ON
ON
2-3, 5-6
2-3, 5-4
2-1, 5-4
Term. Comm.
8-9
8-9
8-7
11-12
11-10
11-10
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
DP-1
ON
NONE
ON
DP-2
ON
NONE
(ON)
DP-3
ON
OFF
ON
DP-4
(ON)
OFF
(ON)
DP-5
ON
OFF
(ON)
DP-7
ON
ON
(ON)
DP-8
(ON)
ON
(ON)
Term. Comm.
2-3, 5-6
OPEN
2-1, 5-4
DP-6
ON
ON
ON
Term. Comm.
2-3, 5-6
2-3, 5-4
2-1, 5-4
SCHEMATIC
SCHEMATIC
SCHEMATIC
3
2
1
6
5
4


Similar Part No. - 100SP1T1B2VS2QEH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100SP1T1B1M2QEH E-SWITCH-100SP1T1B1M2QEH Datasheet
190Kb / 1P
   E-SWITCH 100SP1T1B1M2QEH
100SP1T1B1M51REH E-SWITCH-100SP1T1B1M51REH Datasheet
74Kb / 1P
   E-SWITCH 100SP1T1B1M51REH
100SP1T1B4M2QE E-SWITCH-100SP1T1B4M2QE Datasheet
48Kb / 1P
   E-SWITCH 100SP1T1B4M2QE
More results

Similar Description - 100SP1T1B2VS2QEH

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com