Electronic Components Datasheet Search |
|
100DP1K2B1M1REH Datasheet(PDF) 1 Page - E-SWITCH |
|
100DP1K2B1M1REH Datasheet(HTML) 1 Page - E-SWITCH |
1 / 10 page Phone: 800-867-2717 Fax: 763-531-8235 112 SERIES 100 SWITCHES Specifications subject to change without notice. SERIES SP1 SP2* SP3 SP4* SP5* DP1 DP2* DP3 DP4* DP5* DP6 DP7* DP8* 3P1 3P2* 3P3 3P4* 3P5* 4P1 4P2* 4P3 4P4* 4P5* 4P6 4P7* 4P8* MODEL NO. 100 Example Ordering Number 100_ SP1_ T4_ B2_ M1_R_ E TOGGLE SWITCHES - MINIATURE SPECIFICATIONS Contact Rating: See contact material options Life Expectancy: 40,000 make-and-break cycles at full load Contact Resistance: 100 mΩ max. typical initial @ 2-4 VDC 100 mA for both silver and gold plated contacts Insulation Resistance: 1,000 MΩ min. Dielectric Strength: 1,000 V RMS @ sea level Operating Temperature: -30° C to 85° C MATERIALS Case: Diallyl Phthalate (DAP) Toggle Handle: Brass, chrome plated Switch Support: Brass or steel, tin plated Bushing: Brass, nickel plated Housing: Stainless steel Contacts / Terminals: Silver or gold plated copper alloy HOW TO ORDER FEATURES & BENEFITS Up to 4 poles available Variety of switching functions Miniature Multiple actuator & bushing options APPLICATIONS/MARKETS Telecommunications Instrumentation Networking Medical equipment T1† T2 T3 T4 T5 T6 T7 T8 T9 K1 K2 † Optional Toggle Cap (T1 Only): T100-1 = White T100-2 = Black ACTUATOR B1 B2 B3 B4 B5 B6 B8 B9 B11 B12 B13 B15 B16 B25** B26** BUSHING M1 M2 M3 M5 M6 M61 M7 M71 VS2 VS3 VS5* M64* VS21* VS31* TERMINATION Q = Silver R = Gold CONTACT MATERIAL H = Hardware HARDWARE SEAL E E = Epoxy Sealed at Base of Terminal Notes: * Not available with the K1 and K2 actuator options. ** Available only with the K1 and K2 actuator options. |
Similar Part No. - 100DP1K2B1M1REH |
|
Similar Description - 100DP1K2B1M1REH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |