Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100SP1T2B2VS2REH Datasheet(PDF) 3 Page - E-SWITCH

Part # 100SP1T2B2VS2REH
Description  TOGGLE SWITCHES - MINIATURE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100SP1T2B2VS2REH Datasheet(HTML) 3 Page - E-SWITCH

  100SP1T2B2VS2REH Datasheet HTML 1Page - E-SWITCH 100SP1T2B2VS2REH Datasheet HTML 2Page - E-SWITCH 100SP1T2B2VS2REH Datasheet HTML 3Page - E-SWITCH 100SP1T2B2VS2REH Datasheet HTML 4Page - E-SWITCH 100SP1T2B2VS2REH Datasheet HTML 5Page - E-SWITCH 100SP1T2B2VS2REH Datasheet HTML 6Page - E-SWITCH 100SP1T2B2VS2REH Datasheet HTML 7Page - E-SWITCH 100SP1T2B2VS2REH Datasheet HTML 8Page - E-SWITCH 100SP1T2B2VS2REH Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
114
SERIES 100 SWITCHES
TOGGLE SWITCHES - MINIATURE
*Add .070 (1.78) for B3, B4 bushings, subtract .020 (0.51) for B6 bushing.
Use with B13 bushing
Use with B11, B12, B15, B16 only
Use with B13 bushing
B1/B2 bushing std
B3/B4
bushing std
Gloss Finish
Plastic
Chrome
*
Bottom View
or DP-6, DP-7, DP-8
Bottom View
for 4P-6, 4P-7, 4P-8
3 - WAY WIRING DIAGRAM SCHEMATICS
ACTUATOR OPTIONS
STANDARD
T1*
T2*
T3*
T4*
T5*
FLATTED WITH
BUILT IN
ANTIROTATION
T6
T7
T8
T9*
PLASTIC BLACK
K1
K2


Similar Part No. - 100SP1T2B2VS2REH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100SP1T2B4VS2QE E-SWITCH-100SP1T2B4VS2QE Datasheet
55Kb / 1P
   E-SWITCH 100SP1T2B4VS2QE
More results

Similar Description - 100SP1T2B2VS2REH

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com