Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100DP1K2B2VS2REH Datasheet(PDF) 7 Page - E-SWITCH

Part # 100DP1K2B2VS2REH
Description  TOGGLE SWITCHES - MINIATURE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100DP1K2B2VS2REH Datasheet(HTML) 7 Page - E-SWITCH

Back Button 100DP1K2B2VS2REH Datasheet HTML 2Page - E-SWITCH 100DP1K2B2VS2REH Datasheet HTML 3Page - E-SWITCH 100DP1K2B2VS2REH Datasheet HTML 4Page - E-SWITCH 100DP1K2B2VS2REH Datasheet HTML 5Page - E-SWITCH 100DP1K2B2VS2REH Datasheet HTML 6Page - E-SWITCH 100DP1K2B2VS2REH Datasheet HTML 7Page - E-SWITCH 100DP1K2B2VS2REH Datasheet HTML 8Page - E-SWITCH 100DP1K2B2VS2REH Datasheet HTML 9Page - E-SWITCH 100DP1K2B2VS2REH Datasheet HTML 10Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
118
SERIES 100 SWITCHES
TOGGLE SWITCHES - MINIATURE
M61
VS2-VS3
VS2-VS3
VS5
SPDT
DPDT
DPDT
SPDT
P.C. MOUNTING
P.C. MOUNTING
P.C. MOUNTING
P.C. MOUNTING
Option
Code
Dim. 'A'
VS2
.460 (11.68)
VS3
.630 (16.00)
Option
Code
Dim. 'A'
VS2
.460 (11.68)
VS3
.630 (16.00)
Option
Code
Dim. 'A'
VS5
.630 (16.00)


Similar Part No. - 100DP1K2B2VS2REH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100DP1T1B1M1QEH E-SWITCH-100DP1T1B1M1QEH Datasheet
174Kb / 1P
   E-SWITCH 100DP1T1B1M1QEH
100DP1T1B1M2QE E-SWITCH-100DP1T1B1M2QE Datasheet
116Kb / 1P
   E-SWITCH 100DP1T1B1M2QE
100DP1T4B1M1QEH E-SWITCH-100DP1T4B1M1QEH Datasheet
107Kb / 1P
   E-SWITCH 100DP1T4B1M1QEH
More results

Similar Description - 100DP1K2B2VS2REH

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com