Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502494-0870 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 502494-0870
Description  EMBOSSED TAPE PACKAGE FOR 502494
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

502494-0870 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  502494-0870 Datasheet HTML 1Page - Molex Electronics Ltd. 502494-0870 Datasheet HTML 2Page - Molex Electronics Ltd. 502494-0870 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 502494-0870

ManufacturerPart #DatasheetDescription
logo
MolexKits
502494-0870 MOLEXKITS-502494-0870 Datasheet
43Kb / 5P
   Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
502494-0870 MOLEXKITS-502494-0870 Datasheet
39Kb / 3P
   SMT Dual Positive lock Vertical and Right Angle Plug and Receptacle, 2.0mm (.079)
502494-0870 MOLEXKITS-502494-0870 Datasheet
23Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
502494-0870 MOLEX11-502494-0870 Datasheet
271Kb / 5P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 8 Circuits
More results

Similar Description - 502494-0870

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500873-0801 MOLEX-500873-0801 Datasheet
61Kb / 1P
   TFR CARD CONN. EMBOSSED TAPE PACKAGE
logo
Murata Manufacturing Co...
SAFFB1G56KB0F0A MURATA1-SAFFB1G56KB0F0A Datasheet
160Kb / 2P
   180mm Embossed Tape
logo
Hirose Electric
CX70M-24P1 HIROSE-CX70M-24P1 Datasheet
393Kb / 2P
   EMBOSSED CARRER TAPE PACKAGING
15.12.11
logo
Molex Electronics Ltd.
5020785162_SD MOLEX-5020785162_SD Datasheet
1Mb / 5P
   0.25MM PITCH FPC CONN HGT =1.0 HSG ASSY EMBOSSED TAPE PACKAGE
2017/01/27
logo
List of Unclassifed Man...
CMR200T ETC2-CMR200T_1 Datasheet
762Kb / 1P
   LEAD FORMED SMD TYPE WITH EMBOSSED TAPE
logo
Molex Electronics Ltd.
0494380417 MOLEX6-0494380417 Datasheet
179Kb / 4P
   Cartridge Pad Connector on Embossed Tape and Reel
logo
FCI connector
10017251 FCI-CONNECTOR-10017251 Datasheet
213Kb / 2P
   EMBOSS TAPE PACKAGE
logo
Newhaven Display Intern...
FCISFV20R-1STE1LF NEWHAVEN-FCISFV20R-1STE1LF Datasheet
743Kb / 9P
   Plastic Tape Package
FCISFV21R-1STE1LF NEWHAVEN-FCISFV21R-1STE1LF Datasheet
743Kb / 9P
   Plastic Tape package
logo
Littelfuse
S6008L56 LITTELFUSE-S6008L56 Datasheet
218Kb / 12P
   Packaged in embossed carrier tape with 2,500 devices per reel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com