Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

355-500A-10B Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 355-500A-10B
Description  Echotel짰 Model 355 Non-Contact Ultrasonic Two-Wire Transmitter for Level, Volume, or Open Channel Flow
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

355-500A-10B Datasheet(HTML) 6 Page - Magnetrol International, Inc.

  355-500A-10B Datasheet HTML 1Page - Magnetrol International, Inc. 355-500A-10B Datasheet HTML 2Page - Magnetrol International, Inc. 355-500A-10B Datasheet HTML 3Page - Magnetrol International, Inc. 355-500A-10B Datasheet HTML 4Page - Magnetrol International, Inc. 355-500A-10B Datasheet HTML 5Page - Magnetrol International, Inc. 355-500A-10B Datasheet HTML 6Page - Magnetrol International, Inc. 355-500A-10B Datasheet HTML 7Page - Magnetrol International, Inc. 355-500A-10B Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A G E N C Y A P P R O V A L S
AGENCY
MODEL
PROTECTION METHOD
AREA CLASSIFICATION
2.02
(51)
2.18
(52)
M20 or 3/4" NPT
Conduit Opening
2.48
(63)
1.50
(38)
2" NPT
1.90
(48)
Diameter
3.26
(83)
4.06
(103)
3.99
(101)
2.48
(63)
1.50
(38)
2" NPT
1.90
(48)
Diameter
3.26
(83)
4.06
(103)
D I M E N S I O N A L S P E C I F I C A T I O N S
I N C H E S ( m m )
FM
355-5X0A-11R
Intrinsically Safe
Class
I, Div. 1; Groups A, B, C, & D
355-5X0A-10R
Type 4X, IP66, T4 @80°C 
Entity
355-5X0A-1XX
Intrinsically Safe
Class
I, Div. 1; Groups A, B, C, & D
IP67, T4 @80°C 
Entity
355-5X0A-1XX
Non-Incendive
Œ
Class
I, Div. 2; Groups A, B, C, & D
IP67, T4 @80°C 
ATEX
355-5X0A-AXX
Intrinsically Safe
ATEX
II 1 G Ex ia IIC T4 @70°C
ISSeP09ATEX013X
(EN 60079-0, EN 60079-11
& EN 60079-26 standards applied)
355-5X0A-C0R
Explosion Proof
ATEX
II 1/2 G Ex ma/d IIC T6 @70°C Ga/Gb
355-5X0A-C1R
ISSeP09ATEX009X Ž (EN 60079-0,
EN 60079-1, EN 60079-18 & EN 60079-26
standards applied)
C
US
These units have been tested to
EN 61326 and are in compliance with
the EMC Directive 2004/108/EC.
Œ
Measured media inside vessel must be non-flammable only.

Process temperature must not increase the internal temperature of the
electronics above +176° F (+80° C).
Ž
The transmitter should be installed such that in the event of rare incidents, the
aluminum enclosure cannot be an ignition source due to impact or friction, and
that electrostatic discharges on plastic parts are prevented.
Cast Aluminum Housing with Kynar
®
or Polypropylene Transducer
2" NPT
M20 or 3/4" NPT
Conduit Opening
3.26
(83)
3.26
(83)
1.65
(42)
1.50
(38)
1.90
(48)
Diameter
3.78
(96)
2" NPT
1.65
(42)
2.25
(57)
2.25
(57)
3.26
(83)
3.26
(83)
1.90
(48)
Diameter
1.50
(38)
Lexan
® Housing with Kynar
or Polypropylene Transducer
6


Similar Part No. - 355-500A-10B

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
355-500A-10R MAGNETROL-355-500A-10R Datasheet
907Kb / 60P
   Two-Wire Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
More results

Similar Description - 355-500A-10B

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
335-AA1A-G5P MAGNETROL-335-AA1A-G5P Datasheet
172Kb / 4P
   Echotel짰 Model 335 Non-Contact Ultrasonic Transmitter for Level, Volume, or Open Channel Flow
300-R010-45G MAGNETROL-300-R010-45G Datasheet
546Kb / 36P
   Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
300-R010-45L MAGNETROL-300-R010-45L Datasheet
223Kb / 12P
   Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
355-500A-10R MAGNETROL-355-500A-10R Datasheet
907Kb / 60P
   Two-Wire Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
344-0442-101 MAGNETROL-344-0442-101 Datasheet
305Kb / 12P
   Echotel짰 Models 344/345 Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
344-0442-100 MAGNETROL-344-0442-100 Datasheet
735Kb / 56P
   Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
335-AA10-G5P MAGNETROL-335-AA10-G5P Datasheet
845Kb / 44P
   Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
910-A1A0-003 MAGNETROL-910-A1A0-003 Datasheet
199Kb / 4P
   Echotel짰 Model 910 Ultrasonic Level Switch
940-111E-001 MAGNETROL-940-111E-001 Datasheet
154Kb / 4P
   Echotel짰 Model 940/941 Ultrasonic Level Switch
801-2031-A40 MAGNETROL-801-2031-A40 Datasheet
192Kb / 8P
   Kotron짰 Model 801 RF Capacitance Transmitter for Level/Flow/Volume
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com