Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

355-510A-A1B Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 355-510A-A1B
Description  Echotel짰 Model 355 Non-Contact Ultrasonic Two-Wire Transmitter for Level, Volume, or Open Channel Flow
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

355-510A-A1B Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  355-510A-A1B Datasheet HTML 1Page - Magnetrol International, Inc. 355-510A-A1B Datasheet HTML 2Page - Magnetrol International, Inc. 355-510A-A1B Datasheet HTML 3Page - Magnetrol International, Inc. 355-510A-A1B Datasheet HTML 4Page - Magnetrol International, Inc. 355-510A-A1B Datasheet HTML 5Page - Magnetrol International, Inc. 355-510A-A1B Datasheet HTML 6Page - Magnetrol International, Inc. 355-510A-A1B Datasheet HTML 7Page - Magnetrol International, Inc. 355-510A-A1B Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D E S C R I P T I O N
Echotel® Model 355 is a two-wire, loop-powered, non-
contact ultrasonic transmitter that performs liquid level,
volume, and open channel flow measurement. Model
355 Transmitters feature a powerful 60 kHz ultrasonic
transducer and advanced digital signal processing to
reliably measure out to a 20 feet (6 m) maximum range.
T h e
M o d e l
3 5 5
p r o v i d e s
u n s u r p a s s e d
e a s e
o f
c o n f i g u r a t i o n
w i t h
e i t h e r
t h e
m e n u - d r i v e n
4-push-button, 2-line
× 16-character display, HART®
digital communications, or PACTware. This enables a
complete configuration to be performed via the local
user interface, or remotely with the extra capability of
capturing echo wave forms, and viewing trend data,
diagnostic conditions, and all transmitter configuration
parameters.
The integral mount electronics are housed in either a
c a s t a l u m i n u m h o u s i n g o r L e x a n ® t h e r m o p l a s t i c
h o u s i n g . T h e i n t e l l i g e n t e l e c t r o n i c s a n a l y z e t h e
u l t r a s o n i c
e c h o
p r o f i l e ,
a p p l y
t e m p e r a t u r e
compensation, reject echoes from false targets, and then
processes the true echo from the liquid surface. This
results in an extremely reliable measurement even
when applications difficulties like turbulence and false
echoes exist.
T h e 6 0 k H z u l t r a s o n i c t r a n s d u c e r i s o f f e r e d i n
polypropylene, or Kynar® Flex for superior performance
in harsh environments. These powerful transducers
feature a 10
° conical beam and 10" (250 mm) blocking
distance to maximize measurement capabilities in a
wide variety of applications.
A P P L I C A T I O N S
Chemical storage tanks
Vessels with highly viscous media
Paint, ink and solvent tanks
Industrial wastewater processing
Volume in batch and day tanks
Open channel flow weirs and flumes
F E A T U R E S
Two-wire, loop-powered transmitter for level,
volume and open channel flow measurement
Maximum range of 20 feet (6 meters)
PACTware PC program using HART Communications
for remote configuration and troubleshooting
Menu-driven 4-push-button, 2-line
× 16-character
LCD user interface
Temperature compensated echo rejection profile
identifies true echo from liquid surface
Two 7-digit flow totalizers, one resettable, and one
non-resettable
Common tank shapes and 20-point custom table for
fast and accurate volume configuration
60 kHz transducer with 10
° beam angle and 10"
(250 mm) blocking distance
Dynamic baseline noise compensation provides reliable
performance in the presence of electromagnetic noise
Generic Discharge Flow Equation and 53 flume/weir
primary elements for open channel flow applications
Echotel
® Model 355
Non-Contact Ultrasonic
Two-Wire Transmitter
for Level, Volume, or
Open Channel Flow
Cast aluminum housing with
Kynar Flex
® transducer
Lexan
® housing with
polypropylene transducer


Similar Part No. - 355-510A-A1B

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
355-510A-10R MAGNETROL-355-510A-10R Datasheet
907Kb / 60P
   Two-Wire Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
More results

Similar Description - 355-510A-A1B

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
335-AA1A-G5P MAGNETROL-335-AA1A-G5P Datasheet
172Kb / 4P
   Echotel짰 Model 335 Non-Contact Ultrasonic Transmitter for Level, Volume, or Open Channel Flow
300-R010-45G MAGNETROL-300-R010-45G Datasheet
546Kb / 36P
   Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
300-R010-45L MAGNETROL-300-R010-45L Datasheet
223Kb / 12P
   Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
355-500A-10R MAGNETROL-355-500A-10R Datasheet
907Kb / 60P
   Two-Wire Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
344-0442-101 MAGNETROL-344-0442-101 Datasheet
305Kb / 12P
   Echotel짰 Models 344/345 Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
344-0442-100 MAGNETROL-344-0442-100 Datasheet
735Kb / 56P
   Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
335-AA10-G5P MAGNETROL-335-AA10-G5P Datasheet
845Kb / 44P
   Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
910-A1A0-003 MAGNETROL-910-A1A0-003 Datasheet
199Kb / 4P
   Echotel짰 Model 910 Ultrasonic Level Switch
940-111E-001 MAGNETROL-940-111E-001 Datasheet
154Kb / 4P
   Echotel짰 Model 940/941 Ultrasonic Level Switch
801-2031-A40 MAGNETROL-801-2031-A40 Datasheet
192Kb / 8P
   Kotron짰 Model 801 RF Capacitance Transmitter for Level/Flow/Volume
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com