Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

704-5120-540 Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # 704-5120-540
Description  Horizon??Model 704 Guided Wave Radar Level Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

704-5120-540 Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  704-5120-540 Datasheet HTML 1Page - Magnetrol International, Inc. 704-5120-540 Datasheet HTML 2Page - Magnetrol International, Inc. 704-5120-540 Datasheet HTML 3Page - Magnetrol International, Inc. 704-5120-540 Datasheet HTML 4Page - Magnetrol International, Inc. 704-5120-540 Datasheet HTML 5Page - Magnetrol International, Inc. 704-5120-540 Datasheet HTML 6Page - Magnetrol International, Inc. 704-5120-540 Datasheet HTML 7Page - Magnetrol International, Inc. 704-5120-540 Datasheet HTML 8Page - Magnetrol International, Inc. 704-5120-540 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Model 704
Signal output
4–20 mA
(3.8 to 20.5 mA useable)
Span
6 to 192 inches (15 to 488 cm)
Resolution
Analog
0.01 mA
Display
0.10 inch or 0.1 cm
Loop resistance
550
Ω @ 24 VDC (20.5 mA)
Damping
0 to 10 seconds
Diagnostic alarm
Œ
3.6 mA, 22 mA, Hold
User interface
3-button keypad and/or HART communicator
(HART communicator Magnetrol P/N 89-5213-XXX sold separately)
Display
2-line
× 8-character LCD
Power (at terminals)
12 to 28.6 VDC
Menu language
English, German, French or Spanish
Housing material
Aluminum A356T6 (< 0.2% copper)
Lexan, UL94-V0 rating
Net/Gross weight
Aluminum
3.5 lbs (1.59 kg)
Lexan
1.5 lbs (.68 kg)
Overall dimensions
H 6.91" (175 mm) x W 3.75" (95 mm)
T R A N S M I T T E R
S P E C I F I C A T I O N S
F U N C T I O N A L / P H Y S I C A L
Use with probes
7XA, 7XB, 7XP & 7XR
Reference conditions
Reflection from water at +70° F (+20° C) with 72" (183 mm) probe
Linearity
7XA/7XP/7XR probe
±0.25 inch (6.3 mm)
7XB probe
±0.50 inch (12.7 mm)
Resolution
±0.15 inch (3.8 mm)
Repeatability
0.15 inch (3.8 mm)
Hysteresis
0.15 inch (3.8 mm)
Response time
< 1 second
Warm-up time
< 5 seconds
Operating temperature range
Aluminum housing
-40° to +175° F (-40° to +80° C)
Plastic housing
-40° to +160° F (-40° to +70° C)
LCD
-5° to +160° F (-20° to +70° C)
Operating temperature effect
Approximately ±0.03% of probe length / °C
Process dielectric effect
< 0.5 inch (12.7 mm)
Humidity
0–99%, non-condensing
Electromagnetic compatibility
Meets CE requirements (EN 61000-6-2/2001, EN 61000-6-4/2001)
(Twin Rod probes must be used in metallic vessel
or stillwell to maintain CE compliance)
P E R F O R M A N C E
2
Œ
3.6 mA fault output not available with both HART output and LCD.


Similar Part No. - 704-5120-540

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
704-5120-131 MAGNETROL-704-5120-131 Datasheet
1Mb / 36P
   GuidedWave Radar Level Transmitter
More results

Similar Description - 704-5120-540

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
705-5100-111 MAGNETROL-705-5100-111 Datasheet
1Mb / 28P
   Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
   Model R82 Pulse Burst Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
   GuidedWave Radar Level Transmitter
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
   GuidedWave Radar Level Transmitter
logo
Schneider Electric
LG01 SCHNEIDER-LG01 Datasheet
89Kb / 2P
   Guided wave radar (TDR) for measuring distance, level, volume and mass
Apr 26, 2022
logo
Magnetrol International...
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
   Kotron짰 Model 805 Smart RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com