Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-13109 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-13109
Description  T3 INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-13109 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-13109 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
12/3/99
T-13109
SCHEMATIC DIAGRAM:
PARAMETER
MIN.
MAX.
UNITS
Inductance
19
µHy
Rise Time
3.00
nS
Leakage Inductance
0.6
µHy
Capacitance (C
W/W
)10
pF
Primary DC Resistance
0.3
ohms
1Isolation
3000
VRMS
Turns Ratio ( + 2% )
1:2CT
3 dB Bandwidth is .200 - 340 (MHz) typical, tested in a 75 ohm system
1Reinforced insulation
* Also suitable for DS3, E3 and STS-1 interfaces
Operating Temperature Range: -400C to +850C
*T3 INTERFACE TRANSFORMER
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Parts shipped in anti-static
tubes. 50 pieces per tube
A Surface Mount Version
of this product is
Available
www.rhombus-ind.com
Dimensions in inches (mm):
UNUSED PINS NOT PROVIDED


Similar Part No. - T-13109

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13109 RHOMBUS-IND-T-13109 Datasheet
51Kb / 1P
   T3 Interface Transformers
T-13109G RHOMBUS-IND-T-13109G Datasheet
51Kb / 1P
   T3 Interface Transformers
T-13109G RHOMBUS-IND-T-13109G Datasheet
26Kb / 1P
   T3 INTERFACE TRANSFORMER
More results

Similar Description - T-13109

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13102 RHOMBUS-IND-T-13102 Datasheet
31Kb / 1P
   T3 INTERFACE TRANSFORMER
T-13109G RHOMBUS-IND-T-13109G Datasheet
26Kb / 1P
   T3 INTERFACE TRANSFORMER
T-13110 RHOMBUS-IND-T-13110 Datasheet
28Kb / 1P
   T3 Interface Transformer
T-13104P RHOMBUS-IND-T-13104P Datasheet
30Kb / 1P
   T3 Interface Transformer
T-13106 RHOMBUS-IND-T-13106 Datasheet
29Kb / 1P
   T3 INTERFACE TRANSFORMER
T-13112G RHOMBUS-IND-T-13112G Datasheet
22Kb / 1P
   T3 Interface Transformer
T-13104 RHOMBUS-IND-T-13104 Datasheet
25Kb / 1P
   T3 Interface Transformer
T-13108 RHOMBUS-IND-T-13108 Datasheet
28Kb / 1P
   T3 INTERFACE TRANSFORMER
T-13103 RHOMBUS-IND-T-13103 Datasheet
32Kb / 1P
   T3 INTERFACE TRANSFORMER
T-13101P RHOMBUS-IND-T-13101P Datasheet
30Kb / 1P
   T3 Interface Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com