Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA170AIDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA170AIDR
Description  36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA170AIDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA170AIDR Datasheet HTML 7Page - Texas Instruments OPA170AIDR Datasheet HTML 8Page - Texas Instruments OPA170AIDR Datasheet HTML 9Page - Texas Instruments OPA170AIDR Datasheet HTML 10Page - Texas Instruments OPA170AIDR Datasheet HTML 11Page - Texas Instruments OPA170AIDR Datasheet HTML 12Page - Texas Instruments OPA170AIDR Datasheet HTML 13Page - Texas Instruments OPA170AIDR Datasheet HTML 14Page - Texas Instruments OPA170AIDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Time(10 s/div)
m
2kW
20kW
V
IN
V
OUT
OPA170
G=
10
-
+18V
-18V
Time(100 s/div)
m
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
OPA170
Time(10 s/div)
m
2kW
20kW
V
IN
V
OUT
OPA170
G=
10
-
+18V
-18V
Time(5 s/div)
m
+18V
-
18V
C
L
R
L
OPA170
G=+1
R =10k
C =10pF
W
L
L
Time(5 s/div)
m
R =10k
C =10pF
W
L
L
+18V
-18V
R
F = 2kW
R
I = 2kW
C
L
OPA170
G= 1
-
Time(50 s/div)
m
G=+1
R =10k
C =10pF
L
W
L
OPA170
OPA2170
OPA4170
www.ti.com
SBOS557A
– AUGUST 2011 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS (continued)
VS = ±18V, VCM = VS/2, RLOAD = 10kΩ connected to VS/2, and CL = 100pF, unless otherwise noted.
NO PHASE REVERSAL
POSITIVE OVERLOAD RECOVERY
Figure 25.
Figure 26.
SMALL-SIGNAL STEP RESPONSE
NEGATIVE OVERLOAD RECOVERY
(100mV)
Figure 27.
Figure 28.
SMALL-SIGNAL STEP RESPONSE
(100mV)
LARGE-SIGNAL STEP RESPONSE
Figure 29.
Figure 30.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA170 OPA2170 OPA4170


Similar Part No. - OPA170AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170AIDR TI1-OPA170AIDR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170AIDR TI1-OPA170AIDR Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA170AIDRLR TI1-OPA170AIDRLR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170AIDRLR TI1-OPA170AIDRLR Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA170AIDRLT TI1-OPA170AIDRLT Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA170AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com