Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2314AIDRBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2314AIDRBR
Description  3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2314AIDRBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2314AIDRBR Datasheet HTML 2Page - Texas Instruments OPA2314AIDRBR Datasheet HTML 3Page - Texas Instruments OPA2314AIDRBR Datasheet HTML 4Page - Texas Instruments OPA2314AIDRBR Datasheet HTML 5Page - Texas Instruments OPA2314AIDRBR Datasheet HTML 6Page - Texas Instruments OPA2314AIDRBR Datasheet HTML 7Page - Texas Instruments OPA2314AIDRBR Datasheet HTML 8Page - Texas Instruments OPA2314AIDRBR Datasheet HTML 9Page - Texas Instruments OPA2314AIDRBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
OUTA
-INA
+INA
V-
1
2
3
4
V+
OUTB
-INB
+INB
8
7
6
5
Exposed
Thermal
DiePad
on
Underside
(2)
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
1
2
3
4
14
13
12
11
OUTD
-
IND
+IND
V
-
OUTA
-
INA
+INA
V+
5
6
7
10
9
8
+INC
-
INC
OUTC
+INB
-
INB
OUTB
A
B
D
C
OPA314
OPA2314
OPA4314
SBOS563B
– MAY 2011 – REVISED DECEMBER 2011
www.ti.com
PIN CONFIGURATIONS
DCK PACKAGE
DBV PACKAGE
SC70-5
SOT23-5
(TOP VIEW)
(TOP VIEW)
DRB PACKAGE(1)
D, DGK PACKAGES
DFN-8
SO-8, MSOP-8
(TOP VIEW)
(TOP VIEW)
PW PACKAGE
TSSOP-14
(TOP VIEW)
(1) Pitch: 0,65mm.
(2) Connect thermal pad to V
–. Pad size: 1,8mm × 1,5mm.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA314 OPA2314 OPA4314


Similar Part No. - OPA2314AIDRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314AIDRBR TI-OPA2314AIDRBR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314AIDRBR TI1-OPA2314AIDRBR Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - OPA2314AIDRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com