Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1604 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1604
Description  High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1604 Datasheet(HTML) 1 Page - Texas Instruments

  OPA1604 Datasheet HTML 1Page - Texas Instruments OPA1604 Datasheet HTML 2Page - Texas Instruments OPA1604 Datasheet HTML 3Page - Texas Instruments OPA1604 Datasheet HTML 4Page - Texas Instruments OPA1604 Datasheet HTML 5Page - Texas Instruments OPA1604 Datasheet HTML 6Page - Texas Instruments OPA1604 Datasheet HTML 7Page - Texas Instruments OPA1604 Datasheet HTML 8Page - Texas Instruments OPA1604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Burr-BrownAudio
IN-
Pre-OutputDriver
OUT
V-
V+
IN+
OPA1602
OPA1604
www.ti.com
SBOS474B
– APRIL 2011 – REVISED NOVEMBER 2011
™ High-Performance, Bipolar-Input
AUDIO OPERATIONAL AMPLIFIERS
Check for Samples: OPA1602, OPA1604
1
FEATURES
DESCRIPTION
The
OPA1602
and
OPA1604
bipolar-input
234
SUPERIOR SOUND QUALITY
operational amplifiers achieve very low 2.5nV/
√Hz
ULTRALOW NOISE: 2.5nV/
√Hz at 1kHz
noise density with an ultralow distortion of 0.00003%
ULTRALOW DISTORTION: 0.00003% at 1kHz
at 1kHz. The OPA1602 and OPA1604 series of op
amps offer rail-to-rail output swing to within 600mV
HIGH SLEW RATE: 20V/
μs
with 2k
Ω load, which increases headroom and
WIDE BANDWIDTH: 35MHz (G = +1)
maximizes dynamic range. These devices also have
HIGH OPEN-LOOP GAIN: 120dB
a high output drive capability of
±30mA.
UNITY GAIN STABLE
These devices operate over a very wide supply range
LOW QUIESCENT CURRENT:
of
±2.25V to ±18V, on only 2.6mA of supply current
2.6mA PER CHANNEL
per channel. The OPA1602 and OPA1604 are
unity-gain stable and provide excellent dynamic
RAIL-TO-RAIL OUTPUT
behavior over a wide range of load conditions.
WIDE SUPPLY RANGE:
±2.25V to ±18V
These devices also feature completely independent
DUAL AND QUAD VERSIONS AVAILABLE
circuitry for lowest crosstalk and freedom from
interactions between channels, even when overdriven
APPLICATIONS
or overloaded.
PROFESSIONAL AUDIO EQUIPMENT
The
OPA1602
and
OPA1604
are
specified
BROADCAST STUDIO EQUIPMENT
from
–40°C to +85°C. SoundPlus™
ANALOG AND DIGITAL MIXERS
HIGH-END A/V RECEIVERS
HIGH-END BLU-RAY
™ PLAYERS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SoundPlus is a trademark of Texas Instruments Incorporated.
3
BLU-RAY is a trademark of Blu-ray Disc Association.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA1604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AID TI1-OPA1602AID Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AIDGK TI1-OPA1602AIDGK Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AIDGKR TI1-OPA1602AIDGKR Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AIDR TI1-OPA1602AIDR Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results

Similar Description - OPA1604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com