Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8568 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8568
Description  12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8568 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8568 Datasheet HTML 6Page - Texas Instruments ADS8568 Datasheet HTML 7Page - Texas Instruments ADS8568 Datasheet HTML 8Page - Texas Instruments ADS8568 Datasheet HTML 9Page - Texas Instruments ADS8568 Datasheet HTML 10Page - Texas Instruments ADS8568 Datasheet HTML 11Page - Texas Instruments ADS8568 Datasheet HTML 12Page - Texas Instruments ADS8568 Datasheet HTML 13Page - Texas Instruments ADS8568 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
ADS8528
ADS8548
ADS8568
SBAS543A
– AUGUST 2011 – REVISED OCTOBER 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Table 1. Serial Interface Timing Requirements(1)(2)
ADS8528, ADS8548, ADS8568
TEST
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
CONVST_x high to XCLK rising edge
tSCVX
CLKSEL = 1
6
ns
setup time
ADS8528
66.67
ns
tXCLK
External conversion clock period
ADS8548
72.46
ns
ADS8568
85.11
ns
ADS8528
1
15.0
MHz
External conversion clock frequency
ADS8548
1
13.8
MHz
ADS8568
1
11.75
MHz
External conversion clock duty cycle
40
60
%
tCVL
CONVST_x low time
20
ns
tACQ
Acquisition time
280
ns
19
20 tCCLK or tXCLK
ADS8528,
1.33
μs
CLKSEL = 0
tCONV
Conversion time
ADS8548,
1.45
μs
CLKSEL = 0
ADS8568,
1.7
μs
CLKSEL = 0
tDCVB
CONVST_x high to BUSY high delay
25
ns
tBUFS
BUSY low to FS low time
0
ns
ADS8528
0
ns
Bus access finished to next conversion
tFSCV
ADS8548
20
ns
start time
ADS8568
40
ns
tSCLK
Serial clock period
0.022
10
μs
Serial clock frequency
0.1
45
MHz
Serial clock duty cycle
40
60
%
tDMSB
FS low to MSB valid delay
12
ns
tHDO
Output data to SCLK falling edge hold time
5
ns
SCLK falling edge to new data valid
tPDDO
17
ns
propagation delay
tDTRI
FS high to SDO_x three-state delay
10
ns
tSUDI
Input data to SCLK falling edge setup time
3
ns
tHDI
Input data to SCLK falling edge hold time
5
ns
(1)
Over recommended operating free-air temperature range TA, AVDD = 5V, and DVDD = 2.7V to 5.5V, unless otherwise noted.
(2)
All input signals are specified with tR = tF = 1.5ns (10% to 90% of DVDD) and timed from a voltage level of (VIL + VIH)/2.
10
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8528 ADS8548 ADS8568


Similar Part No. - ADS8568

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8568 TI1-ADS8568 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
ADS8568SPM TI1-ADS8568SPM Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
ADS8568SPMR TI1-ADS8568SPMR Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8568SPMR TI1-ADS8568SPMR Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results

Similar Description - ADS8568

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8350 TI1-ADS8350_14 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com