Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148_1109 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320DM8148_1109
Description  TMS320DM814x DaVinci Digital Media Processors
Download  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148_1109 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320DM8148_1109 Datasheet HTML 21Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 22Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 23Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 24Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 25Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 26Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 27Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 28Page - Texas Instruments TMS320DM8148_1109 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
2.12.2 C674x Memory Map
Table 2-4 shows the memory map for the C674x DSP.
Table 2-4. C674x Memory Map
START ADDRESS
END ADDRESS
SIZE
DESCRIPTION
(HEX)
(HEX)
0x0000_0000
0x003F_FFFF
4MB
Reserved
0x0040_0000
0x0043_FFFF
256KB
HDVICP2 SL2
0x0044_0000
0x007F_FFFF
3840KB
Reserved
0x0080_0000
0x0083_FFFF
256KB
C674x
™ L2 RAM
0x0084_0000
0x00DF_FFFF
5888KB
Reserved
0x00E0_0000
0x00E0_7FFF
32KB
C674x L1P Cache/RAM
0x00E0_8000
0x00EF_FFFF
992KB
Reserved
0x00F0_0000
0x00F0_7FFF
32KB
C674x L1D Cache/RAM
0x00F0_8000
0x017F_FFFF
9184KB
Reserved
0x0180_0000
0x01BF_FFFF
4MB
C674x Internal CFG registers
0x01C0_0000
0x07FF_FFFF
100MB
Reserved
0x0800_0000
0x08FF_FFFF
16MB
L4 Slow Peripheral Domain
(see Table 2-6)
0x0900_0000
0x090F_FFFF
1MB
EDMA TPCC Registers
0x0910_0000
0x097F_FFFF
7MB
Reserved
0x0980_0000
0x098F_FFFF
1MB
EDMA TPTC0 Registers
0x0990_0000
0x099F_FFFF
1MB
EDMA TPTC1 Registers
0x09A0_0000
0x09AF_FFFF
1MB
EDMA TPTC2 Registers
0x09B0_0000
0x09BF_FFFF
1MB
EDMA TPTC3 Registers
0x09C0_0000
0x09FF_FFFF
4MB
Reserved
0x0A00_0000
0x0AFF_FFFF
16MB
L4 Fast Peripheral Domain
(see Table 2-5)
0x0B00_0000
0x0FFF_FFFF
80MB
Reserved
0x1000_0000
0x10FF_FFFF
16MB
C674x Internal Global Address(1)
0x1100_0000
0xFFFF_FFFF
3824MB
DEMMU Mapped L3 Regions(2)
(1)
Addresses 0x1000_0000 to 0x10FF_FFFF are mapped to C674x internal addresses 0x0000_0000 to 0x00FF_FFFF.
(2)
For more details on the DSP/EDMA MMU features, see the System MMU section of the Chip Level Resources chapter in the
TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number: SPRUGZ8).
Copyright
© 2011, Texas Instruments Incorporated
Device Overview
25
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148_1109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com